Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62177EV30LL-55ZXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62177EV30LL-55ZXI
Description  32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177EV30LL-55ZXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62177EV30LL-55ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62177EV30LL-55ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY62177EV30 MoBL®
Document Number: 001-09880 Rev. *G
Page 4 of 14
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65 °C to +150 °C
Ambient temperature with
power applied ........................................... –55 °C to +125 °C
Supply voltage to ground
potential ........................................–0.3 V to VCC(max) + 0.3 V
DC voltage applied to outputs
in High Z state [5, 6] .......................–0.3 V to VCC(max) + 0.3 V
DC input voltage [5, 6].................... –0.3 V to VCC(max) + 0.3 V
Output current into outputs (LOW) ............................. 20 mA
Static discharge voltage.......................................... > 2001 V
(per MIL-STD-883, method 3015)
Latch up current...................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC[7]
CY62177EV30LL
Industrial –40 °C to +85 °C 2.2 V to 3.7 V
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
55 ns
Unit
Min
Typ[8]
Max
VOH
Output HIGH voltage
IOH = –0.1 mA
VCC = 2.20 V
2.0
V
IOH = –1.0 mA
VCC = 2.70 V
2.4
V
VOL
Output LOW voltage
IOL = 0.1 mA
VCC = 2.20 V
0.4
V
IOL = 2.1 mA
VCC = 2.70 V
0.4
V
VIH
Input HIGH voltage
VCC = 2.2 V to 2.7 V
1.8
VCC + 0.3 V
V
VCC= 2.7 V to 3.7 V
2.2
VCC + 0.3 V
V
VIL
Input LOW voltage
VCC = 2.2 V to 2.7 V
–0.3
0.6
V
VCC= 2.7 V to 3.7 V
–0.3
0.7[9]
V
IIX
Input leakage current
GND < VI < VCC
–1
+1
A
IOZ
Output leakage current
GND < VO < VCC, Output Disabled
–1
+1
A
ICC
VCC operating supply
current
f = fMax = 1/tRC
VCC = VCC(max)
IOUT = 0 mA
CMOS levels
–35
45
mA
f = 1 MHz
4.5
5.5
mA
ISB2 [10, 11]
Automatic CE
power down
current—CMOS inputs
CE1 > VCC – 0.2 V or CE2 < 0.2 V or
(BHE and BLE) > VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V, f = 0,
VCC = 3.7 V
–3
25
A
Capacitance
Parameter[12]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
15
pF
COUT
Output capacitance
15
pF
Notes
5. VIL(min) = –2.0 V for pulse durations less than 20 ns.
6. VIH(max) = VCC + 0.75 V for pulse durations less than 20 ns.
7. Full Device AC operation assumes a 100
s ramp time from 0 to VCC (min) and 200 s wait time after VCC stabilization.
8. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
9. Under DC conditions the device meets a VIL of 0.8 V. However, in dynamic conditions Input LOW Voltage applied to the device must not be higher than 0.7 V.
10. The BYTE pin in the 48-TSOP I package has to be tied to VCC to use the device as a 2 M × 16 SRAM. The 48-TSOP I package can also be used as a 4 M × 8 SRAM
by tying the BYTE signal to VSS. In the 4 M × 8 configuration, Pin 45 is A21, while BHE, BLE, and I/O8 to I/O14 pins are not used.
11. Chip enables (CE1 and CE2) and Byte Enables (BHE and BLE) need to be tied to CMOS levels to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
12. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62177EV30LL-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177EV30LL-55ZXI CYPRESS-CY62177EV30LL-55ZXI Datasheet
281Kb / 15P
   32-Mbit (2 M x 16 / 4 M x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62177EV30LL-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_12 Datasheet
266Kb / 13P
   32-Mbit (2 M 횞 16) Static RAM
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_12 Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_12 Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com