Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256NLL-55ZXA Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62256NLL-55ZXA
Description  256K (32K 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-55ZXA Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62256NLL-55ZXA Datasheet HTML 1Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 2Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 3Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 4Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 5Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 6Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-55ZXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY62256N
Document Number: 001-06511 Rev. *D
Page 3 of 14
Pin Configurations
Figure 1. 28-pin DIP and Narrow SOIC
Figure 2. 28-pin TSOP I and Reverse TSOP I
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC
(mA)
Standby, ISB2 (A)
Min
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
CY62256NLL
Commercial
4.5
5.0
5.5
70
25
50
0.1
5
CY62256NLL
Industrial
55/70
25
50
0.1
10
CY62256NLL
Automotive-A
55/70
25
50
0.1
10
CY62256NLL
Automotive-E
55
25
50
0.1
15
Table 1. Pin Definitions
Pin Number
Type
Description
1–10, 21, 23–26
Input
A0–A14. Address Inputs
11–13, 15–19,
Input/Output
I/O0–I/O7. Data lines. Used as input or output lines depending on operation
27
Input/Control
WE. When selected LOW, a WRITE is conducted. When selected HIGH, a READ is
conducted
20
Input/Control
CE. When LOW, selects the chip. When HIGH, deselects the chip
22
Input/Control
OE. Output Enable. Controls the direction of the I/O pins. When LOW, the I/O pins
behave as outputs. When deasserted HIGH, I/O pins are tristated, and act as input
data pins
14
Ground
GND. Ground for the device
28
Power Supply VCC. Power supply for the device
Note
2. Typical specifications are the mean values measured over a large sample size across normal production process variations and are taken at nominal conditions
(TA = 25 °C, VCC). Parameters are guaranteed by design and characterization, and not 100% tested.
[+] Feedback


Similar Part No. - CY62256NLL-55ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-55ZXA CYPRESS-CY62256NLL-55ZXA Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY62256NLL-55ZXA CYPRESS-CY62256NLL-55ZXA Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256NLL-55ZXA CYPRESS-CY62256NLL-55ZXA Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
More results

Similar Description - CY62256NLL-55ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VN CYPRESS-CY62256VN_11 Datasheet
408Kb / 14P
   256K (32K 횞 8) Static RAM
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY62256NLL-55SNXET CYPRESS-CY62256NLL-55SNXET Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
652Kb / 12P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com