Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256VNLL-70ZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62256VNLL-70ZXI
Description  256K (32K 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VNLL-70ZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62256VNLL-70ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 9Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 10Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 11Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 12Page - Cypress Semiconductor CY62256VNLL-70ZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CY62256VN
Document Number: 001-06512 Rev. *D
Page 9 of 14
Typical DC and AC Characteristics
1.6
1.8
1.0
0.6
0.4
0.2
1.6
1.4
1.2
1.0
0.8
55
25
125
55
25
125
1.2
1.0
0.8
–14
–12
–10
–8
–6
–4
0.0
1.0
1.5
22.5
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
AMBIENT TEMPERATURE (
C)
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
C)
OUTPUT VOLTAGE (V)
0.8
1.5
1.0
0.5
1.65
2.1
2.6
3.1
3.6
SUPPLY VOLTAGE (V)
NORMALIZED ACCESS TIME
6
4
2
0.0
1.0
2.0
3.0
0
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
0.6
0.4
0.2
0.0
TA = 25C
0.6
0.0
0
2.5
2.0
TA= 25C
1.4
55
25
105
2.5
2.0
1.5
AMBIENT TEMPERATURE (
C)
1.0
0.5
0.0
–0.5
ISB
3.0
STANDBY CURRENT
VCC = 3.0V
1.4
1.2
VCC = 3.0V
0.5
8
10
12
14
TA = 25°C
TA = 25°C
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
vs. SUPPLY VOLTAGE
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
[+] Feedback


Similar Part No. - CY62256VNLL-70ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VNLL-70ZXI CYPRESS-CY62256VNLL-70ZXI Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY62256VNLL-70ZXI CYPRESS-CY62256VNLL-70ZXI Datasheet
652Kb / 12P
   256K (32K x 8) Static RAM
CY62256VNLL-70ZXI CYPRESS-CY62256VNLL-70ZXI Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256VNLL-70ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256N CYPRESS-CY62256N_11 Datasheet
596Kb / 14P
   256K (32K 횞 8) Static RAM
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY62256NLL-55SNXET CYPRESS-CY62256NLL-55SNXET Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
652Kb / 12P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com