Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFR125 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFR125
Description  Resonator Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFR125 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFR125 Datasheet HTML 1Page - Vectron International, Inc TFR125 Datasheet HTML 2Page - Vectron International, Inc TFR125 Datasheet HTML 3Page - Vectron International, Inc TFR125 Datasheet HTML 4Page - Vectron International, Inc TFR125 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfr 125.doc
Version 1.1
28.06.2005
VI TELEFILTER
Resonator Specification
TFR 125
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Resonator characteristic
Construction and pin connection
(All dimensions in mm)
50 Ω test circuit and equivelent circuit
2
6
2
6
Cm
C0
Lm
Rm
R 125
T26
1
Ground
2
Output
3
Ground
4
Ground
5
Ground
6
Ground
7
Ground
8
Input
9
Ground
10
Ground
11
Ground
12
Ground
Date code: Year + week
T
2005
U
2006
V
2007
...
2
2
8
8


Similar Part No. - TFR125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFR100 ETC-TFR100 Datasheet
982Kb / 2P
   RF POWER RESISTORS
TFR100 ETC-TFR100 Datasheet
509Kb / 1P
   RF FLANGED POWER RESISTORS
logo
DATEL, Inc.
TFR101D12-0.41 DATEL-TFR101D12-0.41 Datasheet
133Kb / 1P
   24 Pin DIP, 10-Watt, 짹12 Volts Output
TFR101D12-0.41 DATEL-TFR101D12-0.41 Datasheet
1Mb / 13P
   TFR RAILWAY SERIES 24-Pin DIP
TFR101D15-0.33 DATEL-TFR101D15-0.33 Datasheet
134Kb / 1P
   24 Pin DIP, 10-Watt, 짹15 Volts Output
More results

Similar Description - TFR125

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR434C VECTRON-TFR434C Datasheet
159Kb / 5P
   Resonator Specification
TFR586 VECTRON-TFR586 Datasheet
168Kb / 5P
   Resonator specification
TFR832 VECTRON-TFR832 Datasheet
82Kb / 5P
   Resonator Specification
TFR315B VECTRON-TFR315B Datasheet
115Kb / 5P
   Resonator specification
TFR433E VECTRON-TFR433E Datasheet
46Kb / 6P
   Resonator Specification
TFR433H VECTRON-TFR433H Datasheet
69Kb / 5P
   Resonator Specification
TFR433G VECTRON-TFR433G Datasheet
42Kb / 5P
   Resonator Specification
TFR804 VECTRON-TFR804 Datasheet
173Kb / 5P
   Resonator Specification
TFR423 VECTRON-TFR423 Datasheet
45Kb / 4P
   Resonator Specification
TFR433H VECTRON-TFR433H_05 Datasheet
163Kb / 5P
   Resonator Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com