Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYDM256B16-55BVXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYDM256B16-55BVXC
Description  1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM256B16-55BVXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYDM256B16-55BVXC Datasheet HTML 3Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 4Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 5Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 6Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 7Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 8Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 9Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 10Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
CYDM064B16
CYDM128B16
CYDM256B16
Document #: 001-00217 Rev. *H
Page 7 of 27
Input Read Register
The Input Read Register (IRR) captures the status of two
external input devices that are connected to the Input Read pins.
The contents of the IRR read from address x0000 from either
port. During reads from the IRR, DQ0 and DQ1 are valid bits and
DQ<15:2> are don’t care. Writes to address x0000 are not
allowed from either port.
Address x0000 is not available for standard memory accesses
when SFEN = VIL. When SFEN = VIH, address x0000 is available
for memory accesses.
The inputs are 1.8V/2.5V LVCMOS or 3.0V LVTTL, depending
on the core voltage supply (VCC). Refer to Table 4 on page 9 for
Input Read Register operation.
IRR is not available in the CYDM256B16, because the IRR pins
are used as extra address pins A13L and A13R.
Output Drive Register
The Output Drive Register (ODR) determines the state of up to
five external binary state devices by providing a path to VSS for
the external circuit. These outputs are Open Drain.
The five external devices can operate at different voltages (1.5V
≤ V
DDIO ≤ 3.5V) but the combined current cannot exceed 40 mA
(8 mA max for each external device). The status of the ODR bits
are set using standard write accesses from either port to address
x0001 with a “1” corresponding to on and “0” corresponding to
off.
The status of the ODR bits can be read with a standard read
access to address x0001. When SFEN = VIL, the ODR is active
and address x0001 is not available for memory accesses. When
SFEN = VIH, the ODR is inactive and address x0001 can be used
for standard accesses.
During reads and writes to ODR DQ<4:0> are valid and
DQ<15:5> are don’t care. Refer to Table 5 on page 9 for Output
Drive Register operation.
Semaphore Operation
The CYDM256B16, CYDM128B16, and CYDM064B16 provide
eight semaphore latches, which are separate from the dual-port
memory locations. Semaphores are used to reserve resources
that are shared between the two ports. The state of the
semaphore indicates that a resource is in use. For example, if
the left port wants to request a given resource, it sets a latch by
writing a zero to a semaphore location. The left port then verifies
its success in setting the latch by reading it. After writing to the
semaphore, SEM or OE must be deasserted for tSOP before
attempting to read the semaphore. The semaphore value is
available tSWRD + tDOE after the rising edge of the semaphore
write. If the left port is successful (reads a zero), it assumes
control of the shared resource. Otherwise (reads a one), it
assumes the right port has control and continues to poll the
semaphore. When the right side has relinquished control of the
semaphore (by writing a one), the left side succeeds in gaining
control of the semaphore. If the left side no longer requires the
semaphore, a one is written to cancel its request.
Semaphores are accessed by asserting SEM LOW. The SEM
pin functions as a chip select for the semaphore latches (CE
must remain HIGH during SEM LOW). A0–2 represents the
semaphore address. OE and R/W are used in the same manner
as a normal memory access. When writing or reading a
semaphore, the other address pins have no effect.
When writing to the semaphore, only IO0 is used. If a zero is
written to the left port of an available semaphore, a one appears
at the same semaphore address on the right port. That
semaphore can now only be modified by the side showing zero
(the left port in this case). If the left port now relinquishes control
by writing a one to the semaphore, the semaphore is set to one
for both sides. However, if the right port requests the semaphore
(written a zero) while the left port has control, the right port
immediately owns the semaphore as soon as the left port
releases it. Table 6 on page 9 shows sample semaphore
operations.
When reading a semaphore, all sixteen data lines output the
semaphore value. The read value is latched in an output register
to prevent the semaphore from changing state during a write
from the other port. If both ports attempt to access the
semaphore within tSPS of each other, the semaphore is definitely
obtained by one side or the other, but there is no guarantee which
side controls the semaphore. On power up, both ports must write
“1” to all eight semaphores.
Architecture
The CYDM256B16, CYDM128B16, and CYDM064B16 consist
of an array of 4K, 8K, or 16K words of 16 dual-port RAM cells,
I/O and address lines, and control signals (CE, OE, R/W). These
control pins permit independent access for reads or writes to any
location in memory. To handle simultaneous writes or reads to
the same location, a BUSY pin is provided on each port. Two
Interrupt (INT) pins can be used for port-to-port communication.
Two Semaphore (SEM) control pins are used to allocate shared
resources. With the M/S pin, the devices can function as a
master (BUSY pins are outputs) or as a slave (BUSY pins are
inputs). The devices also have an automatic power down feature
controlled by CE. Each port is provided with its own output
enable control (OE), which allows data to be read from the
device.
[+] Feedback


Similar Part No. - CYDM256B16-55BVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256B16-55BVXC CYPRESS-CYDM256B16-55BVXC Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16-55BVXC CYPRESS-CYDM256B16-55BVXC Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results

Similar Description - CYDM256B16-55BVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com