Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYDM256B16-55BVXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYDM256B16-55BVXC
Description  1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM256B16-55BVXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYDM256B16-55BVXC Datasheet HTML 5Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 6Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 7Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 8Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 9Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 10Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 11Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 12Page - Cypress Semiconductor CYDM256B16-55BVXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CYDM064B16
CYDM128B16
CYDM256B16
Document #: 001-00217 Rev. *H
Page 9 of 27
Table 4. Input Read Register Operation[12, 15]
SFEN
CE
R/W
OE
UB
LB
ADDR
IO0–IO1
IO2–IO15
Mode
H
L
H
L
L
L
x0000-Max VALID[13] VALID[13] Standard Memory Access
L
L
H
L
X
L
x0000
VALID[14]
X
IRR Read
Table 5. Output Drive Register [16]
SFEN
CE
R/W
OE
UB
LB
ADDR
IO0–IO4
IO5–IO15
Mode
HL
H
X[17]
L[13]
L[13]
x0000-Max VALID[13] VALID[13] Standard Memory Access
L
L
L
X
X
L
x0001
VALID[14]
X
ODR Write[16, 18]
L
L
H
L
X
L
x0001
VALID[14]
X
ODR Read[16]
Notes
12. SFEN = VIL for IRR reads
13. UB or LB = VIL. If LB = VIL, then DQ<7:0> are valid. If UB = VIL then DQ<15:8> are valid.
14. LB must be active (LB = VIL) for these bits to be valid.
15. SFEN active when either CEL = VIL or CER = VIL. It is inactive when CEL = CER = VIH.
16. SFEN = VIL for ODR reads and writes.
17. Output enable must be low (OE = VIL) during reads for valid data to be output.
18. During ODR writes data are also written to the memory.
Table 6. Semaphore Operation Example
Function
IO0–IO15 Left
IO0–IO15 Right
Status
No action
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left Port has semaphore token
Right port writes 0 to semaphore
0
1
No change. Right side has no write access
to semaphore.
Left port writes 1 to semaphore
1
0
Right port obtains semaphore token
Left port writes 0 to semaphore
1
0
No change. Left port has no write access
to semaphore.
Right port writes 1 to semaphore
0
1
Left port obtains semaphore token
Left port writes 1 to semaphore
1
1
Semaphore free
Right port writes 0 to semaphore
1
0
Right port has semaphore token
Right port writes 1 to semaphore
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left port has semaphore token
Left port writes 1 to semaphore
1
1
Semaphore free
[+] Feedback


Similar Part No. - CYDM256B16-55BVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256B16-55BVXC CYPRESS-CYDM256B16-55BVXC Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16-55BVXC CYPRESS-CYDM256B16-55BVXC Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
More results

Similar Description - CYDM256B16-55BVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com