Electronic Components Datasheet Search |
|
TFR804 Datasheet(PDF) 3 Page - Vectron International, Inc |
|
TFR804 Datasheet(HTML) 3 Page - Vectron International, Inc |
3 / 5 page Filename: tfr804.doc Version 2.0 31.05.2005 VI TELEFILTER Resonator Specification TFR 804 3/5 Tele Filter GmbH Potsdamer Straße 18 D 14 513 TELTOW / Germany Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30 E-Mail: tft@telefilter.com Stability characteristics After the following tests the filter shall meet the whole specification: 1. Shock: 500g, 1 ms, half sine wave, 3 shocks each plane; DIN IEC 68 T2 - 27 2. Vibration: 10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans; DIN IEC 68 T2 - 6 3. Change of temperature: -55 °C to 125°C / 30 min. each / 10 cycles DIN IEC 68 part 2 – 14 Test N 4. Resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4; Packing Tape & Reel: IEC 286 – 3, with exeption of value for N and minimum bending radius; tape type II, embossed carrier tape with top cover tape on the upper side; max. pieces of filters peer reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm Do D1 P2 P1 Po Ao Pull Off Direc tion PIN Marker Typ Date Code Ko t Tape (all dimensions in mm) W : 12,00 ± 0,3 Po : 4,00 ± 0,1 Do : 1,50 +0,1/-0 E : 1,75 ± 0,1 F : 5,50 ± 0,05 G(min) : 0,75 P2 : 2,00 ± 0,05 P1 : 8,00 ± 0,1 D1(min) : 1,50 Ao : 5,30 ± 0,1 Bo : 5,30 ± 0,1 Ct : 9,5 ± 0,1 A C N W 1 W 2 Reel (all dimensions in mm) A :330 W1 : 12,4 +2/-0 W2(max) : 18,4 N(min) : 50 C : 13,0 +0,5/-0,2 The minimum bending radius is 45 mm. VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. |
Similar Part No. - TFR804 |
|
Similar Description - TFR804 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |