Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS70E Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS70E
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS70E Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS70E Datasheet HTML 1Page - Vectron International, Inc TFS70E Datasheet HTML 2Page - Vectron International, Inc TFS70E Datasheet HTML 3Page - Vectron International, Inc TFS70E Datasheet HTML 4Page - Vectron International, Inc TFS70E Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 70e.doc
Version 2.1
29.06.2005
VI TELEFILTER
Filter specification
TFS 70E
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
69.2
69.4
69.6
69.8
70
70.2
70.4
70.6
70.8
71
71.2
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
frequency in MHz
69.2
69.4
69.6
69.8
70
70.2
70.4
70.6
70.8
71
71.2
0.9
1.17
1.44
1.71
1.98
2.25
2.52
2.79
3.06
3.33
3.6
66
67
68
69
70
71
72
73
74
75
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
14+ /-0,2
1
2
3
5
4
2,54
4 X 2,54 =10,16
1
1
Date code
1
Ground
2
Ground
3
Ground
4
Ground
5
Output RF Return
6
Output
7
Output
8
Output RF Return
9
Ground
10
Ground
11
Ground
12
Ground
13
Input RF Return
14
Input
Date code: Year + week
T
2005
U
2006
V
2007
...
TFS 70E
T26
50 Ω Test circuit
L1
SAW
L2
13
1, 2, 3, 4, 5, 8,
9, 10, 11, 12
7
6
14
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS70E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS70E ETC-TFS70E Datasheet
43Kb / 3P
   Filter Specification
More results

Similar Description - TFS70E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com