Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69103-40LFXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYRF69103-40LFXC
Description  Programmable Radio on Chip Low Power
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103-40LFXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYRF69103-40LFXC Datasheet HTML 5Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 6Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 7Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 8Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 9Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 10Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 11Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 12Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 9 of 68
8.6 Interrupts
The radio function provides an interrupt (IRQ) output, which is
configurable to indicate the occurrence of various different
events. The IRQ pin may be programmed to be either active high
or active low, and be either a CMOS or open drain output.
The radio function features three sets of interrupts: transmit,
receive, and system interrupts. These interrupts all share a
single pin (IRQ), but can be independently enabled/disabled. In
transmit mode, all receive interrupts are automatically disabled,
and in receive mode all transmit interrupts are automatically
disabled. However, the contents of the enable registers are
preserved when switching between transmit and receive modes.
If more than one radio interrupt is enabled at any time, it is
necessary to read the relevant status register to determine which
event caused the IRQ pin to assert. Even when a given interrupt
source is disabled, the status of the condition that would
otherwise cause an interrupt can be determined by reading the
appropriate status register. It is therefore possible to use the
devices without making use of the IRQ pin by polling the status
register(s) to wait for an event, rather than using the IRQ pin.
8.7 Clocks
A 12 MHz crystal (30 ppm or better) is directly connected
between XTAL and GND without the need for external capac-
itors. A digital clock out function is provided, with selectable
output frequencies of 0.75, 1.5, 3, 6, or 12 MHz. This output may
be used to clock an external microcontroller (MCU) or ASIC. This
output is enabled by default, but may be disabled.
The requirements for the crystal to be directly connected to XTAL
pin and GND are:
Nominal Frequency: 12 MHz
Operating Mode: Fundamental Mode
Resonance Mode: Parallel Resonant
Frequency Initial Stability: ±30 ppm
Series Resistance: <60 ohms
Load Capacitance: 10 pF
Drive Level: l00 μW
The MCU function features an internal oscillator. The clock
generator provides the 12 MHz and 24 MHz clocks that remain
internal to the microcontroller.
8.8 GPIO Interface
The MCU function features up to 15 general purpose I/O (GPIO)
pins.The I/O pins are grouped into three ports (Port 0 to 2). The
pins on Port 0 and Port 1 may each be configured individually
while the pins on Port 2 may only be configured as a group. Each
GPIO port supports high-impedance inputs, configurable pull up,
open drain output, CMOS/TTL inputs, and CMOS output with up
to two pins that support programmable drive strength of up to
50 mA sink current. Additionally, each I/O pin can be used to
generate a GPIO interrupt to the microcontroller. Each GPIO port
has its own GPIO interrupt vector with the exception of GPIO
Port 0. GPIO Port 0 has three dedicated pins that have
independent interrupt vectors (P0.1, P0.3–P0.4).
8.9 Power On Reset/Low Voltage Detect
The power on reset circuit detects logic when power is applied
to the device, resets the logic to a known state, and begins
executing instructions at Flash address 0x0000. When power
falls below a programmable trip voltage, it generates reset or
may be configured to generate interrupt. There is a low voltage
detect circuit that detects when VCC drops below a
programmable trip voltage. It may be configurable to generate an
LVD interrupt to inform the processor about the low voltage
event. POR and LVD share the same interrupt. There is not a
separate interrupt for each. The Watchdog timer can be used to
ensure the firmware never gets stalled in an infinite loop.
8.10 Timers
The free running 16-bit timer provides two interrupt sources: the
programmable interval timer with 1-
μs resolution and the 1.024
ms outputs. The timer can be used to measure the duration of an
event under firmware control by reading the timer at the start and
at the end of an event, then calculating the difference between
the two values.
8.11 Power Management
The operating voltage of the device is 1.8V to 3.6V DC, which is
applied to the VBAT pin. The device can be shut down to a fully
static sleep mode by writing to the FRC END = 1 and
END STATE = 000 bits in the XACT_CFG_ADR register over the
SPI interface. The device enters sleep mode within 35
μs after
the last SCK positive edge at the end of this SPI transaction.
Alternatively, the device may be configured to automatically
enter sleep mode after completing packet transmission or
reception. When in sleep mode, the on-chip oscillator is stopped,
but the SPI interface remains functional. The device wakes from
sleep mode automatically when the device is commanded to
enter transmit or receive mode. When resuming from sleep
mode, there is a short delay while the oscillator restarts. The
device may be configured to assert the IRQ pin when the oscil-
lator has stabilized.
The output voltage (VREG) of the Power Management Unit
(PMU) is configurable to several minimum values between 2.4V
and 2.7V. VREG may be used to provide up to 15 mA (average
load) to external devices. It is possible to disable the PMU, and
to provide an externally regulated DC supply voltage to the
device in the range 2.4V to 3.6V. The PMU also provides a
regulated 1.8V supply to the logic.
The PMU has been designed to provide high boost efficiency
(74–85% depending on input voltage, output voltage and load)
when using a Schottky diode and power inductor, eliminating the
need for an external boost converter in many systems where
other components require a boosted voltage. However,
reasonable efficiencies (69–82% depending on input voltage,
output voltage and load) may be achieved when using low-cost
components such as SOT23 diodes and 0805 inductors.
The current through the diode must stay within the linear
operating range of the diode. For some loads the SOT23 diode
is sufficient, but with higher loads it is not and a SS12 diode must
be used to stay within this linear range of operation. Along with
the diode, the inductor used must not saturate its core. In higher
loads, a lower resistance/higher saturation coil like the inductor
from Sumida must be used.
[+] Feedback


Similar Part No. - CYRF69103-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power 16-bit free running timer
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
More results

Similar Description - CYRF69103-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
   Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com