Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQD-4M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CQD-4M
Description  SURFACE MOUNT 4 AMP SILICON TRIAC 600 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CQD-4M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CQD-4M Datasheet HTML 1Page - Central Semiconductor Corp CQD-4M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CQD-4M
CQD-4N
SURFACE MOUNT
4 AMP SILICON TRIAC
600 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CQD-4M series
type is an Epoxy Molded Silicon Triac designed for full
wave AC control applications featuring gate triggering
in all four (4) quadrants.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CQD-4M
CQD-4N
UNITS
Peak Repetitive Off-State Voltage
VDRM
600
800
V
RMS On-State Current (TC=80°C)
IT(RMS)
4.0
A
Peak One Cycle Surge, t=10ms
ITSM
40
A
I2t Value for Fusing, t=10ms
I2t
2.4
A2s
Peak Gate Power, tp=10μs
PGM
3.0
W
Average Gate Power Dissipation
PG(AV)
0.2
W
Peak Gate Current, tp=10μs
IGM
1.2
A
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM
Rated VDRM, RGK=1KΩ
10
μA
IDRM
Rated VDRM, RGK=1KΩ, TC=125°C
200
μA
IGT
VD=12V, QUAD I, II, III
2.5
5.0
mA
IGT
VD=12V, QUAD IV
5.4
9.0
mA
IH
RGK=1KΩ
1.6
5.0
mA
VGT
VD=12V, QUAD I, II, III, IV
0.95
1.75
V
VTM
ITM=6.0A, tp=380μs
1.25
1.75
V
dv/dt
VD=2/3 VDRM, TC=125°C
11
V/μs
DPAK THYRISTOR CASE
R1 (12-February 2010)
www.centra lsemi.com


Similar Part No. - CQD-4M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQD-4M CENTRAL-CQD-4M Datasheet
75Kb / 2P
   4.0 AMP TRIAC 600 THRU 800 VOLTS
CQD-4M CENTRAL-CQD-4M Datasheet
496Kb / 2P
   SURFACE MOUNT SILICON TRIACS
More results

Similar Description - CQD-4M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ223-4M CENTRAL-CQ223-4M_10 Datasheet
371Kb / 2P
   SURFACE MOUNT 4 AMP SILICON TRIAC 600 THRU 800 VOLTS
CQDD-25M CENTRAL-CQDD-25M_10 Datasheet
405Kb / 2P
   SURFACE MOUNT 25 AMP SILICON TRIAC 600 THRU 800 VOLTS
CQ89-2M CENTRAL-CQ89-2M_10 Datasheet
291Kb / 2P
   SURFACE MOUNT 2 AMP SILICON TRIAC 600 THRU 800 VOLTS
CQ223-2M CENTRAL-CQ223-2M_10 Datasheet
371Kb / 2P
   SURFACE MOUNT 2 AMP SILICON TRIAC 600 THRU 800 VOLTS
CQDD-16M CENTRAL-CQDD-16M_10 Datasheet
405Kb / 2P
   SURFACE MOUNT 16 AMP SILICON TRIAC 600 THRU 800 VOLTS
CQDD-8M CENTRAL-CQDD-8M_10 Datasheet
405Kb / 2P
   SURFACE MOUNT 8 AMP SILICON TRIAC 600 THRU 800 VOLTS
CQDD-12M CENTRAL-CQDD-12M_10 Datasheet
405Kb / 2P
   SURFACE MOUNT 12 AMP SILICON TRIAC 600 THRU 800 VOLTS
CS223-4M CENTRAL-CS223-4M_10 Datasheet
371Kb / 2P
   SURFACE MOUNT 4 AMP SILICON SCR 600 THRU 800 VOLTS
CQ223-2M CENTRAL-CQ223-2M Datasheet
73Kb / 2P
   2.0 AMP TRIAC 600 THRU 800 VOLTS
CQ220-8MFP CENTRAL-CQ220-8MFP Datasheet
79Kb / 2P
   8.0 AMP TRIAC 600 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com