Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-QC23J-IUY Datasheet(PDF) 1 Page - Vicor Corporation

Part # MI-QC23J-IUY
Description  Military DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-QC23J-IUY Datasheet(HTML) 1 Page - Vicor Corporation

  MI-QC23J-IUY Datasheet HTML 1Page - Vicor Corporation MI-QC23J-IUY Datasheet HTML 2Page - Vicor Corporation MI-QC23J-IUY Datasheet HTML 3Page - Vicor Corporation MI-QC23J-IUY Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Highlights
The MI-ComPAC is a complete
single, dual, or triple output
DC-DC power supply that delivers
up to 300W from inputs of 28Vdc
or 270Vdc.
The MI-ComPAC meets the
conducted emissions and conducted
susceptibility specifications of
MIL-STD-461C/D/E and offers
complete input transient, surge, and
spike protection to the most severe
levels of MIL-STD-1275A, 704A.
Reverse polarity protection and
over/undervoltage lockout provide
additional safeguards against
potentially damaging line
conditions. The MI-ComPAC also
features a master disable.
Inputs:
28Vdc per MIL-STD-704A, MIL-STD-1275A
270Vdc per MIL-STD-704D/E
Outputs: 1 to 3, 2 to 48Vdc
Up to 5W/in3
MIL-STD-461C/D/E EMI compliance
High efficiency
Remote sense
ZVS/ZCS power architecture
Low noise FM control
Reverse polarity protection
Size — 1- up: 8.6" x 2.5" x 0.99"
(219,2 x 64,5 x 25,1mm)
Size — 2- up: 8.6" x 4.9" x 0.99"
(219,2 x 126,0 x 25,1mm)
Size — 3- up: 8.6" x 7.3" x 0.99"
(219,2 x 187,45 x 25,1mm)
Output Power/Current
≥5V
<5V
S
=
300W
P
=
90A
Output Power/Current
≥5V
<5V
V
=
150W
30A
U
=
200W
S
=
60A
Output Power/Current
≥5V
<5V
Y
=
50W
10A
X
=
75W
15A
W
=
100W
20A
V
=
30A
Product Grade
I = –40°C to +85°C
M = –55°C to +85°C
Input Voltage
Nominal
Range
2 =28Vdc 18 – 50V
6 =270Vdc 125 – 400V (1)
Number of
Single Output
Modules
MI-LC
50 – 100W
8.6" x 2.5" x 0.99"
1
MI-MC
150 – 200W
8.6" x 4.9" x 0.99"
2
MI-NC
300W
8.6" x 7.3" x 0.99"
3
Dual Output
MI-PC
100 – 200W
8.6" x 4.9" x 0.99"
2
MI-QC
200 – 300W
8.6" x 7.3" x 0.99"
3
Triple Output
MI-RC
150 – 300W
8.6" x 7.3" x 0.99"
3
MI-ComPAC
TM
Military DC-DC Power Supplies
(1) These units rated at 75% load from 125-150Vin: 5Vout @ 100W; 2Vout and 3.3Vout @ 30A.
Features
Configuration Chart
Output Voltage
Z = 2V
T = 6.5V
N = 18.5V
Y = 3.3V R = 7.5V
3 = 24V
0 = 5V
M = 10V
L = 28V
X = 5.2V 1 = 12V
J = 36V
W= 5.5V P = 13.8V K = 40V
V = 5.8V 2 = 15V
4 = 48V
Conduction Cooled Models Available Add "-CC" to the end of the part number.
(Consult factory for details.)
MI-ComPAC 11/02
1 of 4


Similar Part No. - MI-QC23J-IUY

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-QC23-IA POWERBOX-MI-QC23-IA Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC23-IP POWERBOX-MI-QC23-IP Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC23-IS POWERBOX-MI-QC23-IS Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC23-IX POWERBOX-MI-QC23-IX Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC23-IY POWERBOX-MI-QC23-IY Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
More results

Similar Description - MI-QC23J-IUY

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com