Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSHD6-60C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD6-60C
Description  SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 6 AMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD6-60C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD6-60C_10 Datasheet HTML 1Page - Central Semiconductor Corp CSHD6-60C_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHD6-60C
SURFACE MOUNT
DUAL, COMMON CATHODE
SILICON SCHOTTKY RECTIFIERS
6 AMP, 60 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHD6-60C is a
Silicon Schottky Rectifier designed for surface mount
fast switching applications requiring a low forward
voltage drop.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
60
V
Average Rectified Forward Current (TC=120°C)
IO
6.0
A
Peak Forward Surge Current, tp=10ms
IFSM
50
A
Peak Repetitive Reverse Surge Current, tp=2.0µs
IRRM
1.0
A
Critical Rate of Rise of Reverse Voltage
dv/dt
10,000
V/µs
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance Per Diode
ΘJC
3.5
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=60V
30
µA
IR
VR=60V, TC=125°C
10
mA
VF
IF=3.0A
0.70
V
VF
IF=3.0A, TC=125°C
0.65
V
VF
IF=6.0A
0.90
V
VF
IF=6.0A, TC=125°C
0.85
V
DPAK RECTIFIER CASE
R8 (17-February 2010)
www.centra lsemi.com


Similar Part No. - CSHD6-60C_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-60C CENTRAL-CSHD6-60C_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON DUAL, COMMON CATHODE
More results

Similar Description - CSHD6-60C_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-40C CENTRAL-CSHD6-40C_10 Datasheet
424Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 6 AMP
CSHD6-100C CENTRAL-CSHD6-100C_10 Datasheet
424Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE HIGH VOLTAGE SILICON SCHOTTKY RECTIFIERS 6 AMP
CSHDD16-40C CENTRAL-CSHDD16-40C_10 Datasheet
548Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP
CZSH6-100C CENTRAL-CZSH6-100C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 6 AMP
CSHD10-100C CENTRAL-CSHD10-100C Datasheet
424Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE HIGH VOLTAGE SILICON SCHOTTKY RECTIFIERS 10 AMP
CZR1-04C CENTRAL-CZR1-04C_15 Datasheet
370Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON RECTIFIERS
logo
Diotec Semiconductor
SK2020CD2 DIOTEC-SK2020CD2 Datasheet
117Kb / 2P
   Surface Mount Schottky Rectifiers- Common Cathode
logo
Central Semiconductor C...
CZSH5-40C CENTRAL-CZSH5-40C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 5 AMP
CZSH10-40C CENTRAL-CZSH10-40C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com