Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSHD5-100 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD5-100
Description  SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD5-100 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD5-100 Datasheet HTML 1Page - Central Semiconductor Corp CSHD5-100 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHD5-40
CSHD5-60
CSHD5-100
SURFACE MOUNT
SCHOTTKY RECTIFIER
5 AMP, 40 THRU 100 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 5.0 Amp Surface
Mount Silicon Schottky Rectifier is a high quality, well
constructed, highly reliable component designed for
use in all types of commercial, industrial, entertainment,
computer, and automotive applications.
MARKING: FULL PART NUMBER
DPAK RECTIFIER CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CSHD5-40 CSHD5-60
CSHD5-100
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
100
V
DC Blocking Voltage
VR
40
60
100
V
RMS Reverse Voltage
VR(RMS)
28
42
71
V
Average Forward Current (TL=75°C)
IO
5.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
5.0
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
0.2
mA
IR
VR=Rated VRRM, TL=100°C
20
mA
VF
IF=5.0A (CSHD5-40)
0.55
V
VF
IF=5.0A (CSHD5-60)
0.75
V
VF
IF=5.0A (CSHD5-100)
0.85
V
R1 (17-February 2010)
www.centra lsemi.com


Similar Part No. - CSHD5-100

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD5-100 CENTRAL-CSHD5-100 Datasheet
96Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 THRU 100 VOLTS
CSHD5-100 CENTRAL-CSHD5-100 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results

Similar Description - CSHD5-100

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD5-40 CENTRAL-CSHD5-40_11 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CSHD5-40 CENTRAL-CSHD5-40 Datasheet
96Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 THRU 100 VOLTS
CMSH5-100HV CENTRAL-CMSH5-100HV Datasheet
357Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 5 AMP, 100 THRU 200 VOLTS
CMSH5-20 CENTRAL-CMSH5-20_10 Datasheet
279Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 5 AMP, 20 THRU 100 VOLTS
CZSH5-40 CENTRAL-CZSH5-40_10 Datasheet
368Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 5 AMP, 40 VOLTS
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CMSH2-20M CENTRAL-CMSH2-20M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 20 THRU 100 VOLTS
CMSH3-100MHV CENTRAL-CMSH3-100MHV Datasheet
292Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 100 THRU 200 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com