Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLSH1-40M832D Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLSH1-40M832D
Description  SURFACE MOUNT DUAL, HIGH CURRENT LOW VF SILICON SCHOTTKY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLSH1-40M832D Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLSH1-40M832D_10 Datasheet HTML 1Page - Central Semiconductor Corp CTLSH1-40M832D_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTLSH1-40M832D
SURFACE MOUNT
DUAL, HIGH CURRENT
LOW VF
SILICON SCHOTTKY RECTIFIERS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLSH1-40M832D
Dual, Isolated, Low VF Silicon Schottky rectifiers
are designed for applications where small size and
operational effciency are the prime requirements. With
a maximum power dissipation of 1.65W, and a very
small package footprint (approximately equal to the
SOT-23), this leadless package design is capable of
dissipating up to 4 times the power of similar devices in
comparable sized surface mount packages.
MARKING CODE: CFA
FEATURES:
• High Current (IF=1.0A)
• Low Forward Voltage Drop (VF=0.55V MAX @ 1.0A)
• High Thermal Efficiency
• Small TLM 3x2mm case
APPLICATIONS:
• DC/DC Converters
• Reverse Battery Protection
• Battery Powered Portable Equipment
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
1.0
A
Peak Repetitive Forward Current, tp<1.0ms
IFRM
3.5
A
Peak Forward Surge Current, tp=8.0ms
IFSM
10
A
Power Dissipation (Note 1)
PD
1.65
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
75.8
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=5.0V
10
µA
IR
VR=8.0V
20
µA
IR
VR=15V
50
µA
IR
VR=40V
0.2
mA
IR
VR=40V, TA=100°C
20
mA
BVR
IR=100µA
40
V
VF
IF=10mA
0.29
V
VF
IF=100mA
0.36
V
VF
IF=500mA
0.45
V
VF
IF=1.0A
0.55
V
CJ
VR=4.0V, f=1.0MHz
50
pF
Notes: (1) FR-4 Epoxy PC Board with copper mounting pad area of 54mm2
TLM832D CASE
R4 (19-February 2010)
www.centra lsemi.com
• Device is Halogen Free by design


Similar Part No. - CTLSH1-40M832D_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M832D CENTRAL-CTLSH1-40M832D_15 Datasheet
471Kb / 2P
   SILICON SCHOTTKY RECTIFIERS
More results

Similar Description - CTLSH1-40M832D_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-50M832DS_1210 CENTRAL-CTLSH1-50M832DS_1210 Datasheet
830Kb / 2P
   SURFACE MOUNT DUAL, HIGH CURRENT LOW VF SILICON SCHOTTKY RECTIFIERS
CTLSH1-50M832DS CENTRAL-CTLSH1-50M832DS Datasheet
757Kb / 2P
   SURFACE MOUNT DUAL, HIGH CURRENT LOW VF SILICON SCHOTTKY RECTIFIERS
CTLSH1-40M832D CENTRAL-CTLSH1-40M832D Datasheet
198Kb / 2P
   SURFACE MOUNT DUAL, HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODES
CMSH1-20ML CENTRAL-CMSH1-20ML_15 Datasheet
366Kb / 3P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIERS
CMSH3-20L CENTRAL-CMSH3-20L_15 Datasheet
404Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIERS
CTLSH1-40M621H CENTRAL-CTLSH1-40M621H Datasheet
441Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CMLSH1-40 CENTRAL-CMLSH1-40_10 Datasheet
514Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY RECTIFIER
CMDSH2-4L CENTRAL-CMDSH2-4L_10 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMUSH2-4L CENTRAL-CMUSH2-4L_15 Datasheet
488Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
CMPSH05-4 CENTRAL-CMPSH05-4_10 Datasheet
328Kb / 2P
   SURFACE MOUNT HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com