Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC82104 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC82104
Description  Color Image Processing IC for Fax and Scanner Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82104 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC82104 Datasheet HTML 1Page - Sanyo Semicon Device LC82104 Datasheet HTML 2Page - Sanyo Semicon Device LC82104 Datasheet HTML 3Page - Sanyo Semicon Device LC82104 Datasheet HTML 4Page - Sanyo Semicon Device LC82104 Datasheet HTML 5Page - Sanyo Semicon Device LC82104 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 5685-2/6
LC82104
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level voltage
VIH
2.2
V
Input low-level voltage
VIL
0.8
V
Input leakage current
II
VIN = VDD, VSS
–10
+10
µA
Output high-level voltage
VOH
IOH = –3 mA
2.4
V
Output low-level voltage
VOL
IOL = 3 mA
0.4
V
Output leakage current
IOZ
At high-impedance
–10
+10
µA
Electrical Characteristics at Ta = –30 to +70°C, GND = 0 V, VDD = 4.75 to 5.25 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
I/O voltages
VI, VO
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70 °C
400
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering conditions
Hand soldering: 3 seconds
350
°C
Reflow soldering: 10 seconds
235
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, GND = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.75
5.25
V
Input voltage
VIN
0
VDD
V
Allowable Operating Ranges at Ta = –30 to +70°C, GND = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[D/A Converter]
Resolution
6
bit
[A/D Converter] When the low reference potential = 1.0 V, and the high reference potential = 3.0 V
Resolution
8
bit
Linearity error
±1
LSB
Differential linearity error
±1
LSB
Analog Characteristics


Similar Part No. - LC82104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
   Image Processing Circuit for FAX, Copier, and OCR Products
LC82102 SANYO-LC82102 Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82102W SANYO-LC82102W Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
   Image-Processing IC for Facsimile, Copier, and OCR Products
More results

Similar Description - LC82104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8211 SANYO-LC8211 Datasheet
142Kb / 7P
   Halftone Processing IC for Fax, Copier and Scanner
LC82102 SANYO-LC82102 Datasheet
75Kb / 5P
   Image-Processing LSI for Fax, Copier and OCR Products
LC82101 SANYO-LC82101 Datasheet
76Kb / 5P
   Image Processing Circuit for FAX, Copier, and OCR Products
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
   Color image sensor heads for High-speed Scanner
logo
Sanyo Semicon Device
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
   Image-Processing IC for Facsimile, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
   Color Contact Image Sensor Heads for High-speed Scanner
logo
Texas Instruments
LM9833 TI1-LM9833 Datasheet
690Kb / 44P
[Old version datasheet]   48-Bit Color, 1200dpi USB Image Scanner
logo
National Semiconductor ...
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com