Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16G2T4 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT16G2T4
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16G2T4 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT16G2T4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16G2T4 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev. 1.00
�an�a�� ��� �011
Rev. 1.00
9
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Reel Dimensions
Product Tape and Reel Specifications
Reel Dimensions
SOP 28W (300mil)
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330.0±1.0
B
Reel Inner Diameter
100.0±1.5
C
Spindle Hole Diameter
13.0
+0.5/-0.2
D
Key Slit Width
2.0±0.5
T1
Space Between Flange
24.8
+0.3/-0.2
T2
Reel Thickness
30.2±0.2
Package Information
2
April 1, 2010
)
+
*
6

6
,
SSOP 20S (150mil)
Symbol
Description
Dimensions in mm
A
Reel O�te� Diamete�
330.0±1.0
B
Reel Inne� Diamete�
100.0±1.5
C
Spindle Hole Diamete�
13.0 +0.5/-0.�
D
Ke� Slit Width
�.0±0.5
T1
Space Between Flange
16.� +0.3/-0.�
T�
Reel Thickness
��.�±0.�


Similar Part No. - HT16G2T4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT16G TSC-HT16G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT16G TSC-HT16G Datasheet
268Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT16G TSC-HT16G Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT16G-K TSC-HT16G-K Datasheet
421Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
More results

Similar Description - HT16G2T4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
   Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
SynQor Worldwide Headqu...
PFCU390HPX07 SYNQOR-PFCU390HPX07 Datasheet
5Mb / 17P
   Up to 700W output power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com