Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R065D Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT46R065D
Description  Enhanced A/D Type MCU with High Current LED Driver
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065D Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46R065D Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R065D Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
General Description
The Enhanced A/D MCUs are a series of 8-bit high performance, RISC architecture microcontrollers
specifically designed for a wide range of applications. The usual Holtek microcontroller features of
low power consumption, I/O flexibility, timer functions, oscillator options, power down and wake-up
functions, watchdog timer and low voltage reset, combine to provide devices with a huge range of
functional options while still maintaining a high level of cost effectiveness. In addition, these devices
provide high driving ability I/O pins to drive the LED Array directly, which can be used in various
LED display applications. The fully integrated system oscillator HIRC, which requires no external
components and which has three frequency selections, opens up a huge range of new application
possibilities for these devices, some of which may include industrial control, consumer products,
household appliances subsystem controllers, etc.
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
LED
Driver
Output
LED
Share
I/O
8-bit
Timer
Time
Base
HIRC
(MHz)
RTC
(LXT)
LCD
SCOM
A/D
PWM
PFD Stack
Package
HT46R064D 1K´14
64´8
18
8´4
12
1
Ö
4/8/12
Ö¾
12-bit´4 8-bit´1
Ö
4
16DIP
16NSOP
20DIP/SOP
HT46R065D 2K´15
96´8
22
8´8
16
2
Ö
4/8/12
Ö
4
12-bit´4 8-bit´1
Ö
6
16DIP
16NSOP
20DIP/SOP
24SKDIP
24SOP
HT46R066D 4K´15
128´8
26
8´8
16
2
Ö
4/8/12
Ö
4
12-bit´8 8-bit´2
Ö
6
20DIP/SOP
24/28SKDIP
24/28SOP
Block Diagram
The following block diagram illustrates the main functional blocks.
Rev. 1.00
2
January 12, 2011
HT46R064D/065D/066D
Enhanced A/D Type 8-Bit OTP MCU with LED Driver
8 - b i t
R I S C
M C U
C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
L C D
S C O M
P F D
D r i v e r
P W M
D r i v e r
R O M / R A M
M e m o r y
T i m i n g
G e n e r a t i o n
A / D
C o n v e r t e r


Similar Part No. - HT46R065D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R065 HOLTEK-HT46R065 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065 HOLTEK-HT46R065 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065B HOLTEK-HT46R065B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065B HOLTEK-HT46R065B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065G HOLTEK-HT46R065G Datasheet
787Kb / 136P
   Enhanced A/D Type 8-Bit OTP MCU with OPA
More results

Similar Description - HT46R065D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R064D HOLTEK-HT48R064D Datasheet
557Kb / 100P
   Enhanced I/O Type MCU with High Current LED Driver
BS66F340 HOLTEK-BS66F340 Datasheet
7Mb / 256P
   Enhanced Touch A/D Flash MCU with LED Driver
HT66F317 HOLTEK-HT66F317 Datasheet
7Mb / 198P
   Enhanced A/D MCU with LCD Driver
HT46R92 HOLTEK-HT46R92 Datasheet
494Kb / 61P
   A/D Type 8-Bit MCU with 1616 High Current LED Driver
HT46R94 HOLTEK-HT46R94 Datasheet
508Kb / 62P
   A/D Type 8-Bit MCU with 1616 High Current LED Driver
HT66F13 HOLTEK-HT66F13 Datasheet
2Mb / 173P
   Enhanced A/D Flash Type MCU
BS67F340 HOLTEK-BS67F340 Datasheet
7Mb / 281P
   Enhanced Touch A/D Flash MCU with LCD Driver
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com