Electronic Components Datasheet Search |
|
HT7530-2 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc |
|
HT7530-2 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc |
1 / 9 page HT75XX-2 100mA Low Power LDO Selection Table Part No. Output Voltage Package Marking HT7530-2 3.0V SOT89 75XX-2# (for SOT89) HT7533-2 3.3V HT7536-2 3.6V HT7540-2 4.0V HT7544-2 4.4V HT7550-2 5.0V Note: ²XX² stands for output voltages. ²#² stands for lead free devices. Rev. 1.00 1 October 6, 2010 Features · Low power consumption · Low voltage drop · Low temperature coefficient · High input voltage (up to 24V) · High output current : 100mA (Pd £ 250mW) · Output voltage accuracy: tolerance ±1% · SOT89 package Applications · Battery-powered equipment · Communication equipment · Audio/Video equipment General Description The HT75XX-2 series is a set of three-terminal low power high voltage implemented in CMOS technology. They can deliver 100mA output current and allow an in- put voltage as high as 24V. They are available with sev- eral fixed output voltages ranging from 3.0V to 5.0V. CMOS technology ensures low voltage drop and low quiescent current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain variable voltages and currents. |
Similar Part No. - HT7530-2 |
|
Similar Description - HT7530-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |