Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82A620R Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82A620R
Description  Full Speed USB 8-Bit OTP MCU with SPI
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A620R Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82A620R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82A620R Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
A.C.Characteristics
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
SystemClock
¾
2.2V~5.5V
¾
6000
¾
kHz
¾
4.0V~5.5V
¾
12000
¾
kHz
fTIMER
TimerI/PFrequency
(TMR)
¾
fSYS=6MHz
0
¾
6000
kHz
fSYS=12MHz
0
¾
12000
kHz
tWDTOSC WatchdogOscillatorPeriod
5V
¾
¾
31
¾
ms
tRES
ExternalResetLowPulseWidth
¾
¾
1
¾
¾
ms
tSST
SystemStart-upTimerPeriod
¾
Wake-upfromHALT
¾
1024
¾
tSYS
tOPD
OptionLoadTimerPeriod
5V
¾
33
70
140
ms
tINT
InterruptPulseWidth
¾
¾
1
¾
¾
ms
tAD*
A/DClockPeriod
¾
¾
1
¾
¾
ms
tADC*
A/DConversionTime
¾
¾
¾
16
¾
tAD
tADCS*
A/DSampleTime
¾
¾
¾
8
¾
tAD
tCS_SK
SPI SCS to SCK Time
¾
¾
50
¾
¾
ns
tSPICK
SPI ClockTime
¾
¾
400
¾
¾
ns
Note:
tSYS=1/fSYS
²*² forHT82A620R
HT82A520R/HT82A620R
Rev.1.30
7
January14,2011


Similar Part No. - HT82A620R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A620R HOLTEK-HT82A620R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A620R HOLTEK-HT82A620R Datasheet
513Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
More results

Similar Description - HT82A620R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_10 Datasheet
513Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A520R HOLTEK-HT82A520R Datasheet
483Kb / 72P
   Full Speed USB 8-Bit OTP MCU with SPI
HT82A623R HOLTEK-HT82A623R_11 Datasheet
6Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT82A623R HOLTEK-HT82A623R Datasheet
1Mb / 98P
   A/D Type Full Speed USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48RB8 HOLTEK-HT48RB8 Datasheet
281Kb / 45P
   8-Bit USB Type OTP MCU
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
   USB Mouse Encoder 8-Bit OTP MCU
HT82J97E HOLTEK-HT82J97E Datasheet
314Kb / 46P
   USB Joystick Encoder 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com