Electronic Components Datasheet Search |
|
HT82A623R Datasheet(PDF) 8 Page - Holtek Semiconductor Inc |
|
HT82A623R Datasheet(HTML) 8 Page - Holtek Semiconductor Inc |
8 / 98 page HT82A623R/HT82A6208/HT82A6216 Rev.1.30 8 January14,2011 SystemArchitecture A key factor in the high-performance features of the Holtek range of microcontrollers is attributed to the inter- nal system architecture. The range of devices take ad- vantage of the usual features found within RISC microcontrollers providing increased speed of operation and enhanced performance. The pipelining scheme is implemented in such a way that instruction fetching and instruction execution are overlapped, hence instructions are effectively executed in one cycle, with the exception of branch or call instructions. An 8-bit wide ALU is used in practically all operations of the instruction set. It car- ries out arithmetic operations, logic operations, rotation, increment, decrement, branch decisions, etc. The inter- nal data path is simplified by moving data through the Accumulator and the ALU. Certain internal registers are implemented in the Data Memory and can be directly or indirectly addressed. The simple addressing methods of these registers along with additional architectural fea- tures ensure that a minimum of external components is required to provide a functional I/O and A/D control sys- temwithmaximumreliabilityandflexibility. ClockingandPipelining The main system clock, derived from a Crystal/Resona- tor is subdivided into four internally generated non-over- lapping clocks, T1~T4. The Program Counter is incremented at the beginning of the T1 clock during which time a new instruction is fetched. The remaining T2~T4 clocks carry out the decoding and execution functions. In this way, one T1~T4 clock cycle forms one instruction cycle. Although the fetching and execution of instructions takes place in consecutive instruction cy- cles, the pipelining structure of the microcontroller en- sures that instructions are effectively executed in one instruction cycle. The exception to this are instructions where the contents of the Program Counter are changed, such as subroutine calls or jumps, in which case the instruction will take one more instruction cycle toexecute. For instructions involving branches, such as jump or call instructions, two instruction cycles are required to com- plete instruction execution. An extra cycle is required as the program takes one cycle to first obtain the actual jump or call address and then another cycle to actually execute the branch. The requirement for this extra cycle should be taken into account by programmers in timing sensitiveapplications. F e t c h I n s t . ( P C ) E x e c u t e I n s t . ( P C - 1 ) F e t c h I n s t . ( P C + 1 ) E x e c u t e I n s t . ( P C ) F e t c h I n s t . ( P C + 2 ) E x e c u t e I n s t . ( P C + 1 ) P C P C + 1 P C + 2 O s c i l l a t o r C l o c k ( S y s t e m C l o c k ) P h a s e C l o c k T 1 P r o g r a m C o u n t e r P h a s e C l o c k T 2 P h a s e C l o c k T 3 P h a s e C l o c k T 4 P i p e l i n i n g SystemClockingandPipelining F e t c h I n s t . 1 E x e c u t e I n s t . 1 F e t c h I n s t . 2 F l u s h P i p e l i n e 1 2 3 4 5 6 D E L A Y : M O V A , [ 1 2 H ] C A L L D E L A Y C P L [ 1 2 H ] : : N O P E x e c u t e I n s t . 2 F e t c h I n s t . 3 F e t c h I n s t . 6 E x e c u t e I n s t . 6 F e t c h I n s t . 7 InstructionFetching |
Similar Part No. - HT82A623R_11 |
|
Similar Description - HT82A623R_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |