Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1621 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 324 LCD Controller for I/O MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1621_10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621_10 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
3V
On-chip RC oscillator
192
256
320
kHz
fSYS2
System Clock
¾ Crystal oscillator
¾
32768
¾
Hz
fSYS3
System Clock
¾ External clock source
¾
256
¾
kHz
fLCD
LCD Clock
¾ On-chip RC oscillator
¾
fSYS1/1024
¾
Hz
¾ Crystal oscillator
¾
fSYS2/128
¾
Hz
¾ External clock source
¾
fSYS3/1024
¾
Hz
tCOM
LCD Common Period
¾ n: Number of COM
¾
n/fLCD
¾
s
fCLK1
Serial Data Clock (WR pin)
3V
Duty cycle 50%
4
¾
150
kHz
5V
4
¾
300
kHz
fCLK2
Serial Data Clock (RD pin)
3V
Duty cycle 50%
¾¾
75
kHz
5V
¾¾
150
kHz
fTONE
Tone Frequency (2kHz)
3V
On-chip RC oscillator
1.5
2.0
2.5
kHz
Tone Frequency (4kHz)
3.0
4.0
5.0
kHz
tCS
Serial Interface Reset Pulse
Width (Figure 3)
¾ CS
250
300
¾
ns
tCLK
WR,RD Input Pulse Width
(Figure 1)
3V
Write mode
3.34
¾
125
ms
Read mode
6.67
¾¾
5V
Write mode
1.67
¾
125
ms
Read mode
3.34
¾¾
tr,tf
Rise/Fall Time Serial Data Clock
Width (Figure 1)
¾¾
¾
120
160
ns
tSU
Setup Time for DATA to WR,RD
Clock Width (Figure 2)
¾¾
60
120
¾
ns
th
Hold Time for DATA to WR,RD
Clock Width (Figure 2)
¾¾
250
300
¾
ns
tsu1
Setup Time for CS to WR,RD
Clock Width (Figure 3)
¾¾
500
600
¾
ns
th1
Hold Time for CS to WR,RD Clock
Width (Figure 3)
¾¾
50
100
¾
ns
tOFF
VDD OFF Times (Figure 4)
¾
VDD drop down to 0V
20
¾¾
ms
tSR
VDD Rising Slew Rate (Figure 4)
¾¾
0.05
¾¾
V/ms
tRSTD
Delay Time after Reset (Figure 4)
¾¾
1
¾¾
ms
Note:
1. If the conditions of Power-on Reset timing are not satisfied in power On/Off sequence, the internal
Power-on Reset (POR) circuit will not operate normally.
2. If the VDD drops below the minimum voltage of operating voltage spec. during operating, the conditions
of Power-on Reset timing must be satisfied also. That is, the VDD must drop to 0V and keep at 0V for
20ms (min.) before rising to the normal operating voltage.
HT1621/HT1621G
Rev. 2.90
6
November 9, 2010
PATENTED


Similar Part No. - HT1621_10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621B ARTSCHIP-HT1621B Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com