Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC82210 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC82210
Description  Motion JPEG Codec
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82210 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC82210 Datasheet HTML 1Page - Sanyo Semicon Device LC82210 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
The LC82210 is a JPEG encoder/decoder that handles
motion JPEG. When encoding, the LC82210 accepts an
A/D converter generated digital video input signal and
encodes that signal in real time. When decoding, the
LC82210 decodes a compressed decoded signal and
produces a digital video signal that can be directly input to
a D/A converter.
Features
• Encoding/decoding based on the JPEG standard
• The image size can be set arbitrarily.
• I/O image format Y : U : V = 4 : 2 : 2
• JPEG format Y : U : V = 4 : 2 : 2 or Y : U : V = 4 : 1 : 1
• Process 640
× 480 images 30 frames per second
• Memory control function for the image memory used
for display, capture, and other image functions
• Supports the use of either 1M, 2M, 4M, 4M
× 2 or 16M
bit of DRAM for image memory.
• Supports fixed compression ratio encoding.
• Image memory can be accessed by external systems.
• Image memory compression function
• Supports a function for compressing/expanding part of
an image.
• Supports both x86 and 68xx family CPUs. Also
supports DMA transfers of compressed data.
• Low power mode
• Power-supply voltage: 3.3 V (internal) 5 V (pin) : LC82210
3.3 V (single)
: LC82210L
Package Dimensions
unit: mm
3181B-SQFP100
CMOS LSI
Ordering number : EN*5414A
13098HA (OT) / 62096HA (OT) No. 5414-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-0005 JAPAN
Motion JPEG Codec
LC82210, 82210L
Preliminary
SANYO: SQFP100
[LC82210, 82210L]
This catalog provides information as of January 1998. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.


Similar Part No. - LC82210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC822152 SANYO-LC822152 Datasheet
661Kb / 11P
   CMOS IC CCD-LCD Interface ASIC
More results

Similar Description - LC82210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82221L SANYO-LC82221L Datasheet
56Kb / 7P
   Motion JPEG Decoder
LC82220 SANYO-LC82220 Datasheet
92Kb / 6P
   Motion JPEG Decoder LSI
logo
List of Unclassifed Man...
ZR36060 ETC-ZR36060 Datasheet
307Kb / 46P
   Integrated JPEG CODEC
logo
Analog Devices
ADV212 AD-ADV212 Datasheet
394Kb / 44P
   JPEG 2000 Video Codec
REV. 0
logo
Level One
FCS-0020 LVL1-FCS-0020 Datasheet
171Kb / 3P
   Triple Streaming for MPEG4, Motion-JPEG
logo
List of Unclassifed Man...
TC5747 ETC2-TC5747 Datasheet
2Mb / 44P
   Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
logo
Rohm
BU1561GV ROHM-BU1561GV Datasheet
282Kb / 6P
   Built-in JPEG Codec, SXGA Camera Module Interface, and QCIFLCD controller interface
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com