Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC83025E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC83025E
Description  Digital Signal Processor for Karaoke Products
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC83025E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC83025E Datasheet HTML 3Page - Sanyo Semicon Device LC83025E Datasheet HTML 4Page - Sanyo Semicon Device LC83025E Datasheet HTML 5Page - Sanyo Semicon Device LC83025E Datasheet HTML 6Page - Sanyo Semicon Device LC83025E Datasheet HTML 7Page - Sanyo Semicon Device LC83025E Datasheet HTML 8Page - Sanyo Semicon Device LC83025E Datasheet HTML 9Page - Sanyo Semicon Device LC83025E Datasheet HTML 10Page - Sanyo Semicon Device LC83025E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges
at Ta = –30 to +70°C, all VDD = 4.75 to 5.25 V, all VSS = 0 V unless otherwise specified
No. 4977-7/15
LC83025E
Parameter
Symbol
Conditions
Ratings
Unit
Note
Maximum supply voltage
VDD max
–0.3 to +7.0
V
VO1
OSC2 output
Allowed up to the
V
Output voltage
oscillator voltage.
VO2
Pins other than OSC2
–0.3 to VDD + 0.3
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Peak output current
IOP1
Audio interface, external RAM interface
–2 to +4
mA
1
IOP2
Microcontroller interface, P3, P4
–2 to +10
mA
2
IOA1
Audio interface, external RAM interface: per pin
–2 to +4
mA
1
IOA2
Microcontroller interface, P3, P4: per pin
–2 to +10
mA
2
Average output current
ΣI
OA1
Total for FS384O, LRCKO, BCKO, and ASO
–10 to +10
mA
ΣI
OA2
Total for DWRT, DREAD, RAS, CAS, A3 to A8
–30 to +30
mA
and D0 to D7
ΣI
OA3
Total for A0 to A2, SIAK, P3 and P4
–10 to +10
mA
Allowable power dissipation
Pd max
Ta = –30 to +70°C
700
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Note
Operating supply voltage
VDD
4.75
5.25
V
VIH1
Audio interface, external RAM interface
2.4
V
4
Input high level voltage
VIH2
P0 to P2, SELC, SAIF, SAOF, TEST1 to TEST5
0.7 VDD
V
5
VIH3
RES, OSC1, microcontroller interface
0.75 VDD
V
6
VIL1
Audio interface, external RAM interface
0.8
V
4
Input low level voltage
VIL2
P0 to P2, SELC, SAIF, SAOF, TEST1 to TEST5
0.3 VDD
V
5
VIL3
RES, OSC1, microcontroller interface
0.25 VDD
V
6
Instruction cycle time
tCYC
58
59.11
ns
[External Clock Input Conditions]
Frequency
fEXT
16.85
17.01
MHz
Pulse width
tEXTH
23
ns
tEXTL
23
ns
Rise time
tEXTR
9
ns
Fall time
tEXTF
9
ns
[Self-Excitation Oscillation Conditions]
Oscillator frequency
fOSC
OSC1 and OSC2: shown in Figure 2.
33.84
33.90
MHz
44.1 kHz
× 768 × ± 0.1%
Oscillator stabilization period
fOSCS
Shown in Figure 3.
100
ms
[Audio Data Input Conditions]
Transfer bit clock period
tBCYC
354
ns
Transfer bit clock pulse width
tBCW
Related to the BCKI and ASI pins. Shown in Figure 4.
100
ns
Data setup time
tS
70
ns
Data hold time
tH
70
ns
[Serial Input Clock Conditions]
Serial clock period
tSCYC
480
ns
Serial clock pulse width
tSCW
200
ns
Data setup time
tSS
Related to the microcontroller interface. Shown in
70
ns
Data hold time
tSH
Figure 5. (Related to the SICK, SI and SRDY pins.)
70
ns
SRDY hold time
tSYH
200
ns
SRDY pulse width
tSYW
200
ns
[DRAM Input Conditions]
Input data setup time
tDSI
Related to external DRAM data input. Shown in Figure 6.
20
ns
Input data hold time
tDHI
(Related to the CAS and D0 to D7 pins.)
0
ns
Related to the FS384I pin. Shown in Figure 1.
max: 44.1 kHz
× 384 × 1.005
min: 44.1 kHz
× 384 × 0.995


Similar Part No. - LC83025E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
More results

Similar Description - LC83025E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
   Digital Karaoke Audio Processor
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
   DIGITAL SIGNAL PROCESSOR for CDP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com