Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPA270KF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJPA270KF
Description  High Power Types PF, PE, PC, PA, PB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPA270KF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJPA270KF Datasheet HTML 1Page - Panasonic Semiconductor ELJPA270KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPA270KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPA270KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPA270KF Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Chip Inductors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
n Type 3225(1210)PA
l Dimensions in mm (not to scale)
l Recommended Land Pattern in mm (not to scale)
n Examples
(µH)
1.0
150.0
0.15
600
1.5
110.0
0.18
550
2.2
±20 %
7
7.96
80.0
0.23
500
3.3
58.0
0.28
400
4.7
46.0
0.34
350
6.8
38.0
0.42
300
10.0
23.0
0.50
240
12.0
21.0
0.60
230
15.0
18.0
0.74
220
18.0
17.0
0.90
205
22.0
15.0
1.15
185
27.0
15
2.52
13.0
1.45
165
33.0
12.0
1.65
155
39.0
11.0
1.90
145
47.0
9.5
2.25
135
56.0
±10 %
8.5
3.30
110
68.0
7.5
3.70
105
82.0
7.0
4.20
100
100.0
6.5
5.00
90
120.0
6.0
7.00
75
150.0
5.5
8.00
70
180.0
20
0.796
5.0
9.50
65
220.0
4.0
11.00
60
270.0
3.5
14.50
55
330.0
3.0
16.00
50
Tolerance
ELJPA1R0MF
ELJPA1R5MF
ELJPA2R2MF
ELJPA3R3MF
ELJPA4R7MF
ELJPA6R8MF
ELJPA100KF
ELJPA120KF
ELJPA150KF
ELJPA180KF
ELJPA220KF
ELJPA270KF
ELJPA330KF
ELJPA390KF
ELJPA470KF
ELJPA560KF
ELJPA680KF
ELJPA820KF
ELJPA101KF
ELJPA121KF
ELJPA151KF
ELJPA181KF
ELJPA221KF
ELJPA271KF
ELJPA331KF
Q
min.
SRF ]1
(MHz)min.
DCR ]2
(W)max.
Part No.
Inductance
L , Q
Test Freq.
( MHz)
]1 : Self Resonant Frequency ]2 : DC Resistance
DC Current
(mA)max.
4.0 to 4.6
1.6 to 2.0
0.6
3.2
Marking
n Standard Packing Quantity
l 2000 pcs./Reel


Similar Part No. - ELJPA270KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPA270KF PANASONIC-ELJPA270KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPA270KF PANASONIC-ELJPA270KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPA270KF PANASONIC-ELJPA270KF Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
More results

Similar Description - ELJPA270KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPA1R5KF PANASONIC-ELJPA1R5KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
   4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
logo
TDK Electronics
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com