Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJND18NKF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELJND18NKF
Description  Chip Inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJND18NKF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELJND18NKF Datasheet HTML 1Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 2Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 3Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 4Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 5Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 6Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 7Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 8Page - Panasonic Semiconductor ELJND18NKF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Chip Inductors
100
25.2
7.96
ELJND10NKF
ELJND12NKF
ELJND15NKF
ELJND18NKF
ELJND22NKF
ELJND27NKF
ELJND33NJ/KF
ELJND39NJ/KF
ELJND47NJ/KF
ELJND56NJ/KF
ELJND68NJ/KF
ELJND82NJ/KF
ELJNDR10J/KF
ELJNDR12J/KF
ELJNDR15J/KF
ELJNDR18J/KF
ELJNDR22J/KF
ELJNDR27J/KF
ELJNDR33J/KF
ELJNDR39J/KF
ELJNDR47J/KF
ELJNDR56J/KF
ELJNDR68J/KF
ELJNDR82J/KF
ELJND1R0J/KF
s Examples : Type 2012(0805)ND
nH
Tolerance
10
12
15
±10 %
18
22
27
33
39
47
56
68
82
100
120
150
± 5 %
180
±10 %
220
270
330
390
470
560
680
820
1000
Q
min.
10
12
15
8
10
8
3300
3300
3000
3000
2600
2500
2050
2000
1650
1550
1450
1100
800
600
600
600
500
300
200
150
150
100
100
80
80
0.18
0.24
0.24
0.29
0.29
0.34
0.39
0.41
0.46
0.51
0.57
0.63
0.86
0.99
1.47
1.61
1.84
1.95
2.16
2.37
2.56
2.69
3.02
3.38
3.88
540
535
520
480
465
455
395
390
385
360
340
330
285
275
230
195
170
165
160
150
145
140
130
125
120
72
67
73
74
75
73
80
72
71
63
57
56
51
32
36
34
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
s Q-Frequency Characteristics
Type: 2012 (0805) ND
L , Q
Test-Freq.
( MHz)
DCR V2
max.(Ω)
DC Current
max.(mA)
SRF V1
min.(MHz)
Part No.
Inductance
Q
Typical
(800 MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance


Similar Part No. - ELJND18NKF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJND18NKF PANASONIC-ELJND18NKF Datasheet
135Kb / 13P
   Chip Inductors
More results

Similar Description - ELJND18NKF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com