Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJND22NKF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJND22NKF
Description  Chip Inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJND22NKF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJND22NKF Datasheet HTML 1Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 2Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 3Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 4Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 5Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 6Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 7Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 8Page - Panasonic Semiconductor ELJND22NKF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Chip Inductors
ELJRF1N0DF2
ELJRF1N2DF2
ELJRF1N5DF2
ELJRF1N8DF2
ELJRF2N2DF2
ELJRF2N7DF2
ELJRF3N3DF2
ELJRF3N9DF2
ELJRF4N7DF2
ELJRF5N6DF2
ELJRF6N8JF2
ELJRF8N2JF2
ELJRF10NJF2
ELJRF12NJF2
ELJRF15NJF2
ELJRF18NJF2
ELJRF22NJF2
ELJRF27NJF2
ELJRF33NJF2
ELJRF39NJF2
ELJRF47NJF2
ELJRF56NJF2
ELJRF68NJF2
ELJRF82NJF2
ELJRFR10JF2
1. Non Magnetic Core Types RF, RE, ND, NC, NA
s Examples : Type 1005(0402)RF
nH
Tolerance
1.0
1.2
1.5
1.8
2.2
±0.3 nH
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
± 5%
27
33
39
47
56
68
82
100
Q
min.
8
Q
(800 MHz)
21
21
21
21
21
21
21
20
20
20
19
19
19
19
19
19
19
19
18
18
17
17
15
15
14
SRF.V1
min.(MHz)
6000
6000
6000
6000
6000
5500
5500
5200
4800
4600
4000
3500
2800
2800
2500
2200
2000
1800
1800
1800
1800
1500
1500
1400
1200
DCR.V2
max.(Ω)
0.05
0.06
0.07
0.08
0.09
0.10
0.12
0.15
0.17
0.19
0.30
0.35
0.41
0.45
0.60
0.70
0.80
1.2
1.4
1.7
2.1
2.5
4.0
4.5
5.5
DC current
max.(mA)
400
400
400
400
400
400
400
360
360
340
320
320
320
320
240
240
200
200
170
150
140
130
120
110
090
s Performance Characteristics
Type: 1005 (0402) RF
Part No.
Inductnce
Typical
L,Q
Test-Freq.
(MHz)
100
V
1 : Self Resonant Frequency V2 : DC Resistance


Similar Part No. - ELJND22NKF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJND22NKF PANASONIC-ELJND22NKF Datasheet
571Kb / 15P
   Chip inductors
ELJND22NKF PANASONIC-ELJND22NKF Datasheet
135Kb / 13P
   Chip Inductors
More results

Similar Description - ELJND22NKF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com