Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZTA64 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CZTA64
Description  SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZTA64 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZTA64 Datasheet HTML 1Page - Central Semiconductor Corp CZTA64 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZTA14 NPN
CZTA64 PNP
SURFACE MOUNT
COMPLEMENTARY
SILICON DARLINGTON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA14, CZTA64
types are complementary silicon Darlington transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for
applications requiring extremely high gain.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=30V
100
nA
IEBO
VEB=10V
100
nA
BVCES
IC=100µA
30
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
20,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
SOT-223 CASE
SOT-223 CASE
R4 (2-March 2011)
www.centra lsemi.com


Similar Part No. - CZTA64

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZTA64 CENTRAL-CZTA64 Datasheet
70Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CZTA64 CENTRAL-CZTA64 Datasheet
526Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
More results

Similar Description - CZTA64

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXTA14 CENTRAL-CXTA14_10 Datasheet
289Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CXTA14 CENTRAL-CXTA14 Datasheet
283Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CXTA14 CENTRAL-CXTA14 Datasheet
68Kb / 2P
   SURFACE MOUNT SILICON COMPLEMENTARY DARLINGTON TRANSISTORS
CZTA14 CENTRAL-CZTA14 Datasheet
526Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CMPTA13 CENTRAL-CMPTA13 Datasheet
321Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CZTA14 CENTRAL-CZTA14 Datasheet
70Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
CZT122 CENTRAL-CZT122 Datasheet
597Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
CJD112 CENTRAL-CJD112_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
CZT122 CENTRAL-CZT122_10 Datasheet
602Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
CJD122 CENTRAL-CJD122_10 Datasheet
425Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com