Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS112R Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS112R
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS112R Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS112R Datasheet HTML 1Page - Vectron International, Inc TFS112R Datasheet HTML 2Page - Vectron International, Inc TFS112R Datasheet HTML 3Page - Vectron International, Inc TFS112R Datasheet HTML 4Page - Vectron International, Inc TFS112R Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 112r.doc
Version 1.1
18.05.2006
VI TELEFILTER
Filter specification
TFS 112R
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
600 Ω || -0,35 pF
Output:
600 Ω || -0,35 pF
Source impedance:
100
Load impedance:
100
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 112R is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB
filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 112,0 MHz without any tolerance. The given values for both the
relative attenuation arel and the group delay ripple have to be achieved at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
4,0
dB
max.
5,0
dB
(reference level)
Nominal frequency
fN
-
112,0
MHz
Centre frequency
fC
112,0
MHz
-
Passband
PB
-
fN
± 5,0
kHz
Pass band ripple (p-p)
0,2
dB
max.
1,5
dB
Relative attenuation
arel
fN
... fN ±
5
kHz
0,6
dB
max.
1,5
dB
fN
... fN ±
10
kHz
1,0
dB
max.
3
dB
fN -
120
kHz
... fN -
60
kHz
33
dB
min.
25
dB
fN +
60
kHz
... fN +
120
kHz
33
dB
min.
25
dB
Input power level
-
max.
10
dBm
Operating temperature range
OTR
-
0 °C ... + 50 °C
Storage temperature range
-
-40 °C ... + 85 °C
Frequency inversion temperature
40
°C
-
Temperature coefficient of frequency
TCf **
-0,035
ppm/K
2
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆fc(Hz) = TCf(ppm/K
2) x (T - To)2 x fTo (MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS112R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS112H VECTRON-TFS112H Datasheet
48Kb / 5P
   Filter Specification
TFS112K VECTRON-TFS112K Datasheet
47Kb / 5P
   Filter Specification
More results

Similar Description - TFS112R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com