Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R0662G Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT46R0662G
Description  Enhanced A/D Type 8-Bit OTP MCU with OPA
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0662G Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT46R0662G Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R0662G Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PC5/AN0
PC5
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
AN0
ADCR
PCR
AN
¾
A/D channel 0
PC6/A1P
PC6
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
A1P
COPA3C
OPAI
¾
OPA1 non-inverting input pin
PC7/CP
PC7
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
CP
COPA3C
CMPI
¾
Comparator non-inverting input pin
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
OPT: Optional by configuration option (CO) or register option
I/T: Input type
O/T: Output type
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
AN: analog input;
CMOS: CMOS output
NMOS: NMOS output
OSC: Oscillator pin
OPAI: Operational Amplifier input
OPAO: Operational Amplifier output
CMPI: Comparator input
CMPO: Comparator output
HT46R065G
Pin Name
Function
OPT
I/T
O/T
Description
PA0/A1N
PA0
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
A1N
COPA3C
OPAI
¾
OPA1 inverting input pin
PA1/PFD/A1X
PA1
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS
PFD output
A1X
COPA3C
¾
OPAO
OPA1 output pin
PA2/TC0/A0X
PA2
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
TC0
TMR0C
ST
¾
External Timer 0 clock input
A0X
COPA3C
¾
OPAO
OPA0 output pin
PA3/INT/A0N
PA3
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
INT
INTC0
CTRL1
ST
¾
External interrupt input
A0X
COPA3C
OPAI
¾
OPA0 inverting input pin
Rev. 1.00
10
March 3, 2011
HT46R064G/065G/0662G
Enhanced A/D Type 8-Bit OTP MCU with OPA


Similar Part No. - HT46R0662G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R0662 HOLTEK-HT46R0662 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0662 HOLTEK-HT46R0662 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0662 HOLTEK-HT46R0662_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R0662G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R32 HOLTEK-HT46R32 Datasheet
304Kb / 43P
   A/D Type 8-Bit OTP MCU with OPA
HT46R322 HOLTEK-HT46R322 Datasheet
305Kb / 40P
   A/D with OPA Type 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com