Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R068B Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48R068B
Description  Enhanced I/O Type 8-bit OTP MCU
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48R068B Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R068B Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
HT48R068B/HT48R069B
Enhanced I/O Type 8-bit OTP MCU
P�elimina��
HT48R068B/HT48R069B
Enhanced I/O Type 8-bit OTP MCU
P�elimina��
Rev 1.00
iv
�e���a�� 1�� �011
Rev 1.00
1
�e���a�� 1�� �011
Features
CPU Features
● Operating voltage:
fSYS= 4MHz: 2.2V~5.5V
fSYS=8MHz: 3.0V~5.5V
fSYS=12MHz: 4.5V~5.5V
● Up to 0.33μs instruction cycle with 12MHz system clock at VDD= 5V
● Idle/Sleep mode and wake-up functions to reduce power consumption
● Oscillator types:
External high frequency Crystal – HXT
External RC – ERC
Internal RC – HIRC
External low frequency crystal – LXT
● Four operational modes: Normal, Slow, Idle, Sleep
● Fully integrated internal 4MHz, 8MHz and 12MHz oscillator requires no external components
● Watchdog Timer function
● LIRC oscillator function for watchdog timer
● All instructions executed in one or two instruction cycles
● Table read instructions
● 63 powerful instructions
● Up to 8-level subroutine nesting
● Bit manipulation instruction
● Low voltage reset function
● Low voltage detect function
● Wide range of available package types
Peripheral Features
● Up to 62 bidirectional I/O lines
● Up to 4 channel 8-bit PWM
● Single channel 12-bit DAC
● Serial Interfaces Module with Dual SPI and I2C interfaces
● Single Serial SPI Interface
● Software controlled 4-SCOM lines LCD COM driver with 1/2 bias
● External interrupt input shared with an I/O line
● Two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler
● Single 16-bit programmable Timer/Event Counter with overflow interrupt
● Time-Base function
● Programmable Frequency Divider – PFD


Similar Part No. - HT48R068B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
   Enhanced I/O 8-Bit OTP MCU
More results

Similar Description - HT48R068B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
   Enhanced I/O 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com