Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC865516B Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC865516B
Description  8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865516B Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC865516B Datasheet HTML 1Page - Sanyo Semicon Device LC865516B Datasheet HTML 2Page - Sanyo Semicon Device LC865516B Datasheet HTML 3Page - Sanyo Semicon Device LC865516B Datasheet HTML 4Page - Sanyo Semicon Device LC865516B Datasheet HTML 5Page - Sanyo Semicon Device LC865516B Datasheet HTML 6Page - Sanyo Semicon Device LC865516B Datasheet HTML 7Page - Sanyo Semicon Device LC865516B Datasheet HTML 8Page - Sanyo Semicon Device LC865516B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
11901 RM (IM) Chigira No.6697-1/21
Ver.1.02
32300
Preliminary
Overview
The LC865520B/16B/12B/08B/04B are 8-bit single chip microcontrollers with the following one-chip features:
- CPU : Operable at a minimum bus cycle time of 0.5
µs
- On-chip ROM Capacity : 20K/16K/12K/8K/4K bytes
- On-chip RAM Capacity : 512 bytes (LC865520B/16B/12B/08B/04B)
- 16-bit timer/counter (can be divided into two 8 bit timers)
- 16-bit timer/PWM (can be divided into two 8 bit timers)
- 8-channel
× 8-bit AD converter
- Two 8-bit synchronous serial-interface circuits
- 13-source 10-vectored interrupt system
Features
(1) Read Only Memory (ROM)
: LC865520B
20480
× 8 bits
: LC865516B
16384
× 8 bits
: LC865512B
12288
× 8 bits
: LC865508B
8192
× 8 bits
: LC865504B
4096
× 8 bits
(2) Random Access Memory (RAM)
: LC865520B/16B/12B/08B/04B
512
× 8 bits
(3) Bus Cycle Time/Instruction Cycle Time
The LC865520B/16B/12B/08B/04B are constructed to read ROM twice within one instruction cycle.
It has 1.7 times the performance capability for the same instruction cycle compared to our 4-bit
microcontrollers (LC66000 series).
Bus cycle time indicates the speed to read ROM.
Bus cycle time Instruction cycle time Clock divider
System clock oscillation
Oscillation Frequency
Voltage
0.5
µs
1
µs
1/1
Ceramic (CF)
6MHz
4.5V to 6.0V
2
µs
4
µs
1/2
Ceramic (CF)
3MHz
2.5V to 6.0V
7.5
µs
15
µs
1/2
Internal RC
800kHz
2.5V to 6.0V
183
µs
366
µs
1/2
Crystal (XTAL)
32.768kHz
2.5V to 6.0V
8-Bit Single Chip Microcontroller with On-Chip
20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B/16B/12B/08B/04B
Ordering number : ENN*6697
CMOS IC


Similar Part No. - LC865516B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865516B SANYO-LC865516B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Similar Description - LC865516B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com