Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863240 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC863240
Description  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863240 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC863240 Datasheet HTML 1Page - Sanyo Semicon Device LC863240 Datasheet HTML 2Page - Sanyo Semicon Device LC863240 Datasheet HTML 3Page - Sanyo Semicon Device LC863240 Datasheet HTML 4Page - Sanyo Semicon Device LC863240 Datasheet HTML 5Page - Sanyo Semicon Device LC863240 Datasheet HTML 6Page - Sanyo Semicon Device LC863240 Datasheet HTML 7Page - Sanyo Semicon Device LC863240 Datasheet HTML 8Page - Sanyo Semicon Device LC863240 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LC863264/56/48/40A
No.6694-2/20
Features
(1) Read-Only Memory (ROM) :
65024
× 8 bits / 57344 × 8 bits / 49152 × 8 bits
40960
× 8 bits for program
16128
× 8 bits for CGROM
(2) Random Access Memory (RAM) :
640
× 8 bits (including 128 bytes for ROM correction function)
352
× 9 bits (for CRT display)
(3) OSD functions
- Screen display
: 36 characters
× 16 lines (by software)
- RAM
: 352 words (9 bits per word)
Display area
: 36 words
× 8 lines
Control area
: 8 words
× 8 lines
- Characters
Up to 252 kinds of 16
× 32 dot character fonts
(4 characters including 1 test character are not programmable)
Each font can be divided into two parts and used as two fonts :
a 16
× 17 dot and 8 × 9 dot character font
At least 111 characters need to be divide to display the caption fonts.
- Various character attributes
Character colors
: 16 colors
Character background colors
: 16 colors
Fringe / shadow colors
: 16 colors
Full screen colors
: 16colors
Rounding
Underline
Italic character (slanting)
- Attribute can be changed without spacing
- Vertical display start line number can be set for each row independently (Rows can be overlapped)
- Horizontal display start position can be set for each row independently
- Horizontal pitch (bit 9 - 16)
*1 and vertical pitch (bit-32) can be set for each row independently
- Different display modes can be set for each row independently
Caption • Text mode / OSD mode 1 / OSD mode 2 (Quarter size) / Simplifed graphic mode
- Ten character sizes
*1
Horez.
× Vert. = (1 × 1), (1 × 2), (2 × 2), (2 × 4), (0.5 × 0.5)
(1.5
× 1), (1.5 × 2), (3 × 2), (3 × 4), (0.75 × 0.5)
- Shuttering and scrolling on each row
- Simplified Graphic Display
*1 Note : range depends on display mode : refer to the manual for details.
(4) Data Slicer (NTSC)
- Line 21 closed caption data and XDS data extraction
(5) Bus Cycle Time / Instruction-Cycle Time
Bus cycle time
Instruction cycle time
System clock oscillation
Oscillation Frequency
Voltage
0.424
µs
0.848
µs
Internal VCO
(Ref : X’tal 32.768kHz)
14.156MHz
4.5V to 5.5V
7.5
µs
15.0
µs
Internal RC
800kHz
4.5V to 5.5V
183.1
µs
366.2
µs
Crystal
32.768kHz
4.5V to 5.5V
(6) Ports
- Input / Output Ports
: 5 ports (28 terminals)
Data direction programmable in nibble units
: 1 port (8 terminals)
(If the N-ch open drain output is selected by option, the corresponding port data can be read in output mode.)
Data direction programmable for each bit individually
: 4 ports (20 terminals)


Similar Part No. - LC863240

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863240C SANYO-LC863240C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863240

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com