Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863416A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC863416A
Description  8-Bit Single-Chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863416A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC863416A Datasheet HTML 3Page - Sanyo Semicon Device LC863416A Datasheet HTML 4Page - Sanyo Semicon Device LC863416A Datasheet HTML 5Page - Sanyo Semicon Device LC863416A Datasheet HTML 6Page - Sanyo Semicon Device LC863416A Datasheet HTML 7Page - Sanyo Semicon Device LC863416A Datasheet HTML 8Page - Sanyo Semicon Device LC863416A Datasheet HTML 9Page - Sanyo Semicon Device LC863416A Datasheet HTML 10Page - Sanyo Semicon Device LC863416A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LC863432A/28A/24A/20A/16A
No.6846-7/19
Pin Description
Pin Description Table
Terminal
I/O
Function Description
Option
VSS
-
Negative power supply
XT1
I
Input terminal for crystal oscillator
XT2
O
Output terminal for crystal oscillator
VDD
-
Positive power supply
RES
I
Reset terminal
FILT
O
Filter terminal for PLL
CVIN
I
Video signal input terminal
VS
I
Vertical synchronization signal input terminal
HS
I
Horizontal synchronization signal input terminal
R
O
Red (R) output terminal of RGB image output
G
O
Green (G) output terminal of RGB image output
B
O
Blue (B) output terminal of RGB image output
BL
O
Fast blanking control signal
Switch TV image signal and caption/OSD image signal
Port 0
P00 to P07
I/O
•8-bit input/output port,
Input/output can be specified in nibble unit
(If the N-ch open drain output is selected by option, the
corresponding port data can be read in output mode.)
•Other functions
AD converter input port (P04 to P07: 4 channels)
Pull-up resistor
provided/not provided
Output Format
CMOS/Nch-OD
Port 1
•8-bit input/output port
Input/output can be specified for each bit
(programmable pull-up resister provided)
•Other functions
P10
P11
P12
P13
P14
P15
P16
IIC0 data I/O
IIC0 clock output
IIC1 data I/O
IIC1 clock output
PWM1 output
PWM2 output
PWM3 output
P10 to P17
I/O
Output Format
CMOS/Nch-OD
Port 3
P30 to P32
I/O
•3-bit input/output port
Input/output can be specified for each bit
(CMOS output/input with programmable pull-up resister)


Similar Part No. - LC863416A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863416B SANYO-LC863416B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
LC863416C SANYO-LC863416C Datasheet
126Kb / 18P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863416A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com