Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC865508B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC865508B
Description  8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865508B Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC865508B Datasheet HTML 2Page - Sanyo Semicon Device LC865508B Datasheet HTML 3Page - Sanyo Semicon Device LC865508B Datasheet HTML 4Page - Sanyo Semicon Device LC865508B Datasheet HTML 5Page - Sanyo Semicon Device LC865508B Datasheet HTML 6Page - Sanyo Semicon Device LC865508B Datasheet HTML 7Page - Sanyo Semicon Device LC865508B Datasheet HTML 8Page - Sanyo Semicon Device LC865508B Datasheet HTML 9Page - Sanyo Semicon Device LC865508B Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LC865520B/16B/12B/08B/04B
No.6697-6/21
Pin Assignment
•QIP48E
*Leave NC pins open.
Package Dimension
(unit : mm)
3156
SANYO : QIP-48E
P13/SO1
P14/SI1/SB1
P15/SCK1
P16/BUZ
P17/PWM0
NC
P00
P01
P02
P03
P04
NC
24
23
22
21
20
19
18
17
16
15
14
13
NC
P72/INT2/T0IN
P71/INT1
P87/AN7
P86/AN6
P85/AN5
NC
P84/AN4
P83/AN3
P82/AN2
P81/AN1
P80/AN0
37
38
39
40
41
42
43
44
45
46
47
48


Similar Part No. - LC865508B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865508B SANYO-LC865508B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Similar Description - LC865508B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com