Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F14 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT68F14
Description  Enhanced I/O Flash Type MCU
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F14 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT68F14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F14 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 161 page
background image
HT68F14
PinName
Function
OP
I/T
O/T
Pin-SharedMapping
PA0~PA7
PortA
PAWU
PAPU
ST
CMOS
¾
PB0~PB7
PortB
PBPU
ST
CMOS
¾
PC0~PC3
PortC
PCPU
ST
CMOS
¾
PD0~PD1
PortD
PDPU
ST
CMOS
¾
TCK0,TCK1
TM0,TM1input
¾
ST
¾
PA4,PA6
TP0_0,TP0_1
TM0I/O
TMPC
ST
CMOS
PA5,PC1
TP1_0,TP1_1
TM1I/O
TMPC
ST
CMOS
PA7,PB6
INT0,INT1
Ext.Interrupt0,1
¾
ST
¾
PB4,PB5
SCOM0~SCOM3
SCOM0~SCOM3
SCOMC
¾
SCOM
PC0,PC1,PB6,PB7
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
RES
Resetpin
CO
ST
¾
PB3
VDD
Powersupply*
¾
PWR
¾
¾
VSS
Ground*
¾
PWR
¾
¾
Note:
I/T:Inputtype
I/T:Inputtype
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST: Schmitt Triggerinput
CMOS: CMOS output
SCOM:SoftwarecontrolledLCDCOM
HXT:Highfrequencycrystaloscillator
Rev.1.10
10
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU


Similar Part No. - HT68F14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
   Cost-Effective Flash MCU
HT68F002 HOLTEK-HT68F002 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
HT68F0025 HOLTEK-HT68F0025 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
HT68F003 HOLTEK-HT68F003 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
   Enhanced I/O Flash Type MCU
More results

Similar Description - HT68F14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
   Enhanced I/O Flash Type MCU
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT48R064G HOLTEK-HT48R064G_12 Datasheet
786Kb / 128P
   Enhanced I/O Type MCU with OPA
HT48R064G HOLTEK-HT48R064G Datasheet
731Kb / 126P
   Enhanced I/O Type MCU with OPA
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
   I/O Flash Type MCU with EEPROM
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
   I/O Flash Type MCU with EEPROM
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com