Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F20 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU with EEPROM
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 244 page
background image
Note:
1. Bracketed pin names indicate non-default pinout remapping locations.
2. If the pin-shared pin functions have multiple outputs simultaneously, its pin names at the right side of the
²/² sign can be used for higher priority.
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.50
11
March 15, 2011
H T 6 8 F 4 0
3 2 Q F N - A
1
2
3
4
5
6
7
8
9 1 0 1 1 1 2 1 3 1 4 1 5 1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
P A 4 / I N T 1 / T C K 1
P A 3 / I N T 0 / C 0 -
P A 2 / T C K 0 / C 0 +
P A 1 / T P 1 A
P A 0 / C 0 X / T P 0 _ 0
P F 1 / [ C 1 X ]
P F 0 / [ C 0 X ]
P E 7 / [ I N T 1 ]
P D 0 / [ T C K 2 ] / [ S C S ]
P D 1 / [ T P 2 _ 0 ] / [ S D O ] / [ S C K / S C L ]
P D 2 / [ T C K 0 ] / [ S D I / S D A ]
P D 3 / [ T C K 1 ] / [ S D O ]
P C 6 / [ T P 0 _ 0 ] / S C O M 2
P C 7 / [ T P 1 A ] / S C O M 3
P C 0 / T P 1 B _ 0 / S C O M 0
P C 1 / T P 1 B _ 1 / S C O M 1
H T 6 8 F 4 0
4 8 Q F N - A
1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7
4 8
N C
P B 5 / S C S
P A 7 / S C K / S C L
P A 6 / S D I / S D A
P A 5 / C 1 X / S D O
P A 4 / I N T 1 / T C K 1
P A 3 / I N T 0 C 0 -
P A 2 / T C K 0 / C 0 +
P A 1 / T P 1 A
P A 0 / C 0 X / T P 0 _ 0
N C
P F 1 / [ C 1 X ]
P D 3 / [ T C K 1 ] / [ S D O ]
P D 4 / [ T P 2 _ 1 ]
P D 5 / [ T P 0 _ 1 ]
P E 0
P E 1
P E 2
P E 3
P C 6 / [ T P 0 _ 0 ] / S C O M 2
P C 7 / [ T P 1 A ] / S C O M 3
N C
P C 0 / T P 1 B _ 0 / S C O M 0
P C 1 / T P 1 B _ 1 / S C O M 1
H T 6 8 F 4 0
4 4 L Q P F - A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
P B 5 / S C S
P A 7 / S C K / S C L
P A 6 / S D I / S D A
P A 5 / C 1 X / S D O
P A 4 / I N T 1 / T C K 1
P A 3 / I N T 0 / C 0 -
P A 2 / T C K 0 / C 0 +
P A 1 / T P 1 A
P A 0 / C 0 X / T P 0 _ 0
P F 1 / [ C 1 X ]
P F 0 / [ C 0 X ]
P D 3 / [ T C K 1 ] / [ S D O ]
P D 4 / [ T P 2 _ 1 ]
P D 5 / [ T P 0 _ 1 ]
P E 0
P E 1
P E 2
P E 3
P C 6 / [ T P 0 _ 0 ] / S C O M 2
P C 7 / [ T P 1 A ] / S C O M 3
P C 0 / T P 1 B _ 0 / S C O M 0
P C 1 / T P 1 B _ 1 / S C O M 1
H T 6 8 F 4 0
4 0 Q F N - A
1
2
3
4
5
6
7
8
9
1 0
1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
P B 5 / S C S
P A 7 / S C K / S C L
P A 6 / S D I / S D A
P A 5 / C 1 X / S D O
P A 4 / I N T 1 / T C K 1
P A 3 / I N T 0 / C 0 -
P A 2 / T C K 0 / C 0 +
P A 1 / T P 1 A
P A 0 / C 0 X / T P 0 _ 0
P F 1 / [ C 1 X ]
P D 2 / [ T C K 0 ] / [ S D I / S D A ]
P D 3 / [ T C K 1 ] / [ S D O ]
P D 4 / [ T P 2 _ 1 ]
P D 5 / [ T P 0 _ 1 ]
P C 6 / [ T P 0 _ 0 ] / S C O M 2
P C 7 / [ T P 1 A ] / S C O M 3
P C 0 / T P 1 B _ 0 / S C O M 0
P C 1 / T P 1 B _ 1 / S C O M 1
P E 4 / [ T P 1 B _ 2 ]
P E 5
P A 1 / T P 1 A
P A 2 / T C K 0 / C 0 +
P A 3 / I N T 0 / C 0 -
P A 4 / I N T 1 / T C K 1
P A 5 / C 1 X / S D O
P A 6 / S D I / S D A
P A 7 / S C K / S C L
P B 5 / S C S
P B 6 / [ S D O ]
P B 7 / [ S D I / S D A ]
P D 6 / [ S C K / S C L ]
P D 7 / [ S C S ]
P C 4 / [ I N T 0 ] / [ P I N T ] / T P 2 _ 1
N C
N C
N C
P C 2 / T C K 2 / P C K / C 1 +
P C 3 / P I N T / T P 2 _ 0 / C 1 -
P C 5 / [ I N T 1 ] / T P 0 _ 1 / T P 1 B _ 2 / [ P C K ]
P D 0 / [ T C K 2 ] / [ S C S ]
P D 1 / [ T P 2 _ 0 ] / [ S D O ] / [ S C K / S C L ]
P D 2 / [ T C K 0 ] / [ S D I / S D A ]
P D 3 / [ T C K 1 ] / [ S D O ]
P D 4 / [ T P 2 _ 1 ]
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
P A 0 / C 0 X / T P 0 _ 0
P F 1 / [ C 1 X ]
P F 0 / [ C 0 X ]
P E 7 / [ I N T 1 ]
P E 6 / [ I N T 0 ]
V S S
P B 4 / X T 2
P B 3 / X T 1
P B 2 / O S C 2
P B 1 / O S C 1
V D D
P B 0 / R E S
P E 5
P E 4 / [ T P 1 B _ 2 ]
P C 1 / T P 1 B _ 1 / S C O M 1
P C 0 / T P 1 B _ 0 / S C O M 0
N C
P C 7 / [ T P 1 A ] / S C O M 3
P C 6 / [ T P 0 _ 0 ] / S C O M 2
P E 3
P E 2
P E 1
P E 0
P D 5 / [ T P 0 _ 1 ]
H T 6 8 F 4 0
4 8 S S O P - A


Similar Part No. - HT68F20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
More results

Similar Description - HT68F20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
   I/O Flash Type MCU with EEPROM
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
   I/O Flash Type MCU with EEPROM
HT48F70E HOLTEK-HT48F70E Datasheet
402Kb / 58P
   I/O Flash Type MCU with EEPROM
HT68F13 HOLTEK-HT68F13 Datasheet
2Mb / 161P
   Enhanced I/O Flash Type MCU
HT68F005 HOLTEK-HT68F005 Datasheet
4Mb / 93P
   Enhanced I/O Flash Type MCU
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com