Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K70A-L Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT82K70A-L
Description  I/O Type 8-Bit MCU
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K70A-L Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT82K70A-L Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K70A-L Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
HT82K70E-L/HT82K70A-L/HT82K76E-L
Rev. 1.20
10
February 1, 2011
· Table Read Program Example
tempreg1 db
?
; temporary register #1
tempreg2 db
?
; temporary register #2
:
:
mov a,06h
; initialise table pointer - note that this address
; is referenced
mov tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²1F06H² transferred to
; tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²1F05H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte
; register TBLH
:
:
org 1F00h
; sets initial address of last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
Because the TBLH register is a read-only register and cannot be restored, care should be taken to ensure its protection
if both the main routine and Interrupt Service Routine use the table read instructions. If using the table read instructions,
the Interrupt Service Routines may change the value of TBLH and subsequently cause errors if used again by the main
routine. As a rule it is recommended that simultaneous use of the table read instructions should be avoided. However,
in situations where simultaneous use cannot be avoided, the interrupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table related instructions require two instruction cycles to complete
their operation.


Similar Part No. - HT82K70A-L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
More results

Similar Description - HT82K70A-L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
   I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
   I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
   I/O Type 8-Bit MCU
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
   I/O Type 8-Bit MCU
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
   I/O Type 8-Bit MCU
HT48R52 HOLTEK-HT48R52 Datasheet
269Kb / 35P
   I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com