Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DD4127DM-O-M-N-C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD4127DM-O-M-N-C
Description  MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD4127DM-O-M-N-C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD4127DM-O-M-N-C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4127DM-O-M-N-C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4127DM-O-M-N-C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4127DM-O-M-N-C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4127DM-O-M-N-C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4127DM-O-M-N-C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
3DD4127DM、3DD4127DZ
版本:
200910C
2/6
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
pulse电流宽度为小于5ms的非重复单脉冲。
Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
< 10%.
电特性
ElECTRICAL CHARACTERISTIC
热特性
THERMAL CHARACTERISTIC
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到管壳的热阻
D4127DM
Thermal Resistance Junction Case D4127DM
Rth(j-c)
-
3.125
/W
结到管壳的热阻
D4127DZ
Thermal Resistance Junction Case D4127DZ
Rth(j-c)
-
1.67
/W
Parameter
Symbol
Value
Unit
集电极
—发射极直流电压
Collector- Emitter Voltage(VBE=0) VCES
350
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
200
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
7
V
最大集电极直流电流
Collector Current(DC)
IC
5
A
最大集电极脉冲电流
Collector Current(pulse)
ICP
10
A
最大基极直流电流
Base Current(DC)
IB
2
A
最大基极脉冲电流
Base Current(pulse)
IBP
4
A
最大集电极耗散功率
Total Dissipation (D4127DM)
PC
40
W
最大集电极耗散功率
Total Dissipation (D4127DZ)
PC
75
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~+150
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
V(BR)CEO
IC=10mA,IB=0
200
-
-
V
V(BR)CBO
IC=1mA,IB=0
350
-
-
V
V(BR)EBO
IE=1mA,IC=0
7
-
-
V
ICBO
VCB=350V, IE=0
-
-
100
μA
ICEO
VCE=200V,IB=0
-
-
50
μA
IEBO
VEB=7V, IC=0
-
-
10
μA
Hfe(1)
VCE =5V, IC=0.5A
8
-
50
Hfe(2)
VCE =5V, IC=3A
5
-
-
VCE(sat)(1)
IC=1A, IB=0.2A
-
-
0.8
V
VCE(sat)(2)
IC=3A, IB=0.6A
-
-
1.6
V
VBE(sat)
IC=2A, IB=0. 5A
-
-
1.5
V
tf
-
-
0.7
μS
ts
VCC=24V IC=0.5A,IB1=-IB2=0.1A
-
-
4
μS
fT
VCE=10V, IC=0.5A
4
-
-
MHz


Similar Part No. - 3DD4127DM-O-M-N-C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4120PL JSMC-3DD4120PL Datasheet
625Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4120PL-O-M-N-C JSMC-3DD4120PL-O-M-N-C Datasheet
625Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4120PL-O-T-N-C JSMC-3DD4120PL-O-T-N-C Datasheet
625Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4121DM JSMC-3DD4121DM Datasheet
480Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4121DM-O-M-N-C JSMC-3DD4121DM-O-M-N-C Datasheet
480Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - 3DD4127DM-O-M-N-C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD13003V1D JSMC-3DD13003V1D Datasheet
197Kb / 3P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Unisonic Technologies
4124D UTC-4124D Datasheet
134Kb / 3P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
3DD4123DT JSMC-3DD4123DT Datasheet
639Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4124DL JSMC-3DD4124DL Datasheet
530Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4130PL JSMC-3DD4130PL Datasheet
507Kb / 5P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4110PL JSMC-3DD4110PL Datasheet
583Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4120PL JSMC-3DD4120PL Datasheet
625Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4121DT JSMC-3DD4121DT Datasheet
480Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Unisonic Technologies
4128D UTC-4128D_15 Datasheet
105Kb / 3P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
4126D UTC-4126D_15 Datasheet
147Kb / 3P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
3DD4124PL JSMC-3DD4124PL Datasheet
502Kb / 6P
   MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com