Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL1040Z Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL1040Z
Description  SCHOTTKY BARRIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL1040Z Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL1040Z Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040Z Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040Z Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040Z Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040Z Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040Z Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
SBL1040
版本(Rev.):201004A
4/6
外形尺寸 PACKAGE MECHANICAL DATA
TO-220
单位 Unit :mm
符号
symbol
MIN
MAX
A4.40
4.80
B1.10
1.40
b0.70
0.95
c0.28
0.48
c1
0.32
0.52
D
14.45
16.00
D2
8.20
9.20
E9.60
10.40
e2.39
2.69
F1.20
1.35
L
13.05
14.05
L2
3.70
3.90
Q2.40
3.00
Q1
2.20
2.90
P3.50
4.00
E
φP
e
e
b
F
A
Q1
c
c1
B


Similar Part No. - SBL1040Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1040 DIODES-SBL1040 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
logo
Vishay Siliconix
SBL1040 VISHAY-SBL1040 Datasheet
135Kb / 6P
   Schottky Barrier Rectifier
Revision: 09-Aug-13
logo
General Semiconductor
SBL1040 GE-SBL1040 Datasheet
74Kb / 2P
   SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SBL1040 UTC-SBL1040 Datasheet
154Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SBL1040 MCC-SBL1040 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - SBL1040Z

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com