Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DD4203D-O-I-N-B Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD4203D-O-I-N-B
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD4203D-O-I-N-B Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD4203D-O-I-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4203D-O-I-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4203D-O-I-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4203D-O-I-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4203D-O-I-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4203D-O-I-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4203D-O-I-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
R
3DD4203D
版本:201002G
5/7
外形尺寸 PACKAGE MECHANICAL DATA
TO-251
单位
单位
单位
单位 Unit :
:mm
外形尺寸 PACKAGE MECHANICAL DATA
TO-126
单位
单位
单位
单位 Unit :
:mm
A
2.20-2.40
b
0.55-0.65
b1
0.70-0.90
C
0.45-0.55
D1
1.40-1.60
D2
5.40-5.60
E
6.40-6.60
E1
5.20-5.40
e
2.25-2.35
F
0.45-0.55
L
7.60-7.80
Q1
1.15-1.25
a1
4
O -6 O
a2
4
O -6 O
a3
4
O -6 O
符号
symbol
MIN
MAX
A
2.50
2.90
B
1.22
1.28
C
0.30
0.70
D
10.50
11.10
E
7.10
8.10
Q
3.80
4.20
Q1
1.07
1.47
L
15.30
15.70
L2
2.10
2.30
b
0.60
0.90
e
2.19
2.39


Similar Part No. - 3DD4203D-O-I-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4201T JSMC-3DD4201T Datasheet
231Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4201T-O-T-B-A JSMC-3DD4201T-O-T-B-A Datasheet
231Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4201T-O-T-N-C JSMC-3DD4201T-O-T-N-C Datasheet
231Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4202BD JSMC-3DD4202BD Datasheet
261Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4202BD-O-I-N-B JSMC-3DD4202BD-O-I-N-B Datasheet
261Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - 3DD4203D-O-I-N-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com