Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DD4243D Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD4243D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD4243D Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD4243D Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4243D Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4243D Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4243D Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4243D Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4243D Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4243D Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R
版本:201003A
1/6
NPN 型高压功率开关晶体管
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4243D(T/I/M/Z)
订 货 型 号
Order codes
Marking
无卤素
Halogen Free
Package
Packaging
3DD4243DT-O-T-B-A
4243DT
NO
TO-92
编带 Brede
3DD4243DT-O-T-N-C
4243DT
NO
TO-92
袋装 Bag
3DD4243DI -O- I -N-B
4243DI
NO
TO-251
条管 Tube
3DD4243DI -O- I -N-C
4243DI
NO
TO-251
袋装 Bag
3DD4243DM-O-M-N-B
4243DM
NO
TO-126
条管 Tube
3DD4243DM-O-M-N-C
4243DM
NO
TO-126
袋装 Bag
3DD4243DZ-O-Z-N-C
4243DZ
NO
TO-220
袋装 Bag
3DD4243DZ-O-Z-N-B
4243DZ
NO
TO-220
条管 Tube
主要参数
MAIN CHARACTERISTICS
IC
2.0A
VCEO
400V
PC(TO-92)
1W
PC(TO-251)
10W
PC(TO-126)
20W
PC(TO-220)
40W
封装 Package
用途
l 节能灯
l 电子镇流器
l 高频开关电源
l 高频功率变换
l 一般功率放大电路
APPLICATIONS
l Electronic ballasts
l High frequency switching power
supply
l High frequency power transform
l Commonly power amplifier circuit
产品特性
l高耐压
l高电流容量
l高开关速度
l高可靠性
l环保(RoHS)产品
FEATURES
l High breakdown voltage
l High current capability
l High switching speed
l High reliability
l RoHS product
TO-92
(3DD4243DT)
订货信息 ORDER MESSAGE
TO-251
(3DD4243DI)
TO-126
(3DD4243DM)
TO-220
(3DD4243DZ)


Similar Part No. - 3DD4243D

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
3DD4243DY-O-T-B-A JSMC-3DD4243DY-O-T-B-A Datasheet
264Kb / 5P
   Electronic ballasts
3DD4243DY-O-T-N-C JSMC-3DD4243DY-O-T-N-C Datasheet
264Kb / 5P
   Electronic ballasts
More results

Similar Description - 3DD4243D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com