Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DD4242DM-O-M-N-C Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD4242DM-O-M-N-C
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD4242DM-O-M-N-C Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD4242DM-O-M-N-C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4242DM-O-M-N-C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4242DM-O-M-N-C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4242DM-O-M-N-C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4242DM-O-M-N-C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4242DM-O-M-N-C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4242DM-O-M-N-C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
R
3DD4242D(T/I/M)
版本:
201103B
6/6
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
0.1
1
0.70
0.75
0.80
0.85
0.90
0.95
1.00
hFE – IC
VCE(sat)- IC
VBE(sat)- IC
IC(A)
IC(A)
VCE(V)
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN
TEMPERATURE
温度
SOA
TC=25℃
DC
PC-T (TO-92)
TA(℃)
TC(℃)
IC(A)
0.01
0.1
1
10
1
10
100
Tj=100℃
Tj=25℃
Vce=5V
0.1
1
60
80
100
120
140
160
180
200
220
240
Tj=100℃
Tj=25℃
Ic/Ib=5
Tj=25℃
Tj=100℃
Ic/Ib=5
PC-T (TO-251/TO-126)


Similar Part No. - 3DD4242DM-O-M-N-C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4241M-O-M-N-B JSMC-3DD4241M-O-M-N-B Datasheet
274Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4241M-O-M-N-C JSMC-3DD4241M-O-M-N-C Datasheet
274Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4241R-O-R-N-A JSMC-3DD4241R-O-R-N-A Datasheet
274Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4241R-O-R-N-B JSMC-3DD4241R-O-R-N-B Datasheet
274Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4241T JSMC-3DD4241T Datasheet
222Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - 3DD4242DM-O-M-N-C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com