Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4242DM Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 4242DM
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

4242DM Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  4242DM Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4242DM Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4242DM Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4242DM Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4242DM Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4242DM Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4242DM Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
R
3DD4242D(T/I/M)
版本:
201103B
6/6
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
电特性 ELECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到环境的热阻
TO-92
Thermal Resistance Junction Case TO-92
Rth(j-a)
-
125
/W
结到管壳的热阻
TO-251/TO-252
Thermal Resistance Junction Case TO-251/TO-252
Rth(j-c)
-
12.5
/W
结到管壳的热阻
TO-126
Thermal Resistance Junction Case TO-126
Rth(j-c)
-
6.25
/W
Parameter
Symbol
Value
Unit
集电极
—发射极直流电压
Collector- Emitter Voltage(VBE=0)
VCES
700
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
400
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
9
V
最大集电极直流电流
Collector Current(DC)
IC
1.5
A
最大集电极脉冲电流
Collector Current(pulse)
ICP
3.0
A
最大集电极耗散功率
Total Dissipation (TO-92)
PC
1
W
最大集电极耗散功率
Total Dissipation (TO-251)
PC
10
W
最大集电极耗散功率
Total Dissipation (TO-126)
PC
20
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~+150
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
V(BR)CEO
Ic=10mA,IB=0
400
470
-
V
V(BR)CBO
Ic=1mA,IB=0
700
800
-
V
V(BR)EBO
IE=1mA,Ic=0
9
16
-
V
ICBO
VCB=700V, IE=0
-
-
5
μA
ICEO
VCE=400V,IB=0
-
-
10
μA
IEBO
VEB=7V, IC=0
-
-
5
μA
VCE=10V, IC=100mA
10
20
30
-
hFE
VCE=5V, IC=1.5A
3.0
7.0
-
-
VCE(sat)
IC=0.5A, IB=100mA
-
0.2
0.8
V
VBE(sat)
IC=0.5A, IB=100mA
-
0.9
1.2
V
tf
-
-
0.7
μS
ts
VCC=24V IC=0.25A,IB1=-IB2=0.05A
-
-
5
μS
fT
VCE=10V, Ic=0.1A
4
-
-
MHz


Similar Part No. - 4242DM

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4242-00 PEREGRINE-4242-00 Datasheet
276Kb / 8P
   SPDT UltraCMOS??RF Switch
4242-00 PEREGRINE-4242-00 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
4242-01 PEREGRINE-4242-01 Datasheet
276Kb / 8P
   SPDT UltraCMOS??RF Switch
4242-01 PEREGRINE-4242-01 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
4242-02 PEREGRINE-4242-02 Datasheet
276Kb / 8P
   SPDT UltraCMOS??RF Switch
More results

Similar Description - 4242DM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com