Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10F60UHF Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 10F60UHF
Description  FAST RECOVER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

10F60UHF Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  10F60UHF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60UHF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60UHF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60UHF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60UHF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60UHF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
10F60UHF/UC
版本:
201004A
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
Parameter
Symbol
Value
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
600
V
正向平均整流电流
Average forward
current
T
B
C
B
=100℃
(TO-220HF2L/TO-220C2L)
IF(AV)
10
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward
Current(Non-Repetitive) t=10ms
IFSM
150
A
结温
Junction Temperature
Tj
-55~+150
储存温度
Storage temperature range
TSTG
-55~+150
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
TO-220HF2L
Rth(j-c)
3.5
/W
结到管壳的热阻
Thermal resistance from
junction to case
TO-220C2L
Rth(j-c)
3.0
/W
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VRRM
IR =50μA
600
V
Tj =25℃
50
μA
IR
Tj =125℃
VR=VRRM
200
μA
Tj =25℃
1.90
2.1
V
VF
Tj =125℃
IF=10A
1.60
1.8
V
IF=1A, VR=30V, diF/dt=-200A/μs
18
25
ns
Tj =25℃
30
ns
trr
Tj =125℃
IF=10A
VR=100V
diF/dt=-200A/μs
60
ns


Similar Part No. - 10F60UHF

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
10F60C JSMC-10F60C Datasheet
260Kb / 6P
   FAST RECOVER DIODE
logo
Shindengen Electric Mfg...
10F60H2 SHINDENGEN-10F60H2 Datasheet
181Kb / 4P
   Power MOSFET
logo
JILIN SINO-MICROELECTRO...
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
   FAST RECOVER DIODE
10F60HF3 JSMC-10F60HF3 Datasheet
290Kb / 5P
   FAST RECOVER DIODE
logo
Thinki Semiconductor Co...
10F60HF3 THINKISEMI-10F60HF3 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - 10F60UHF

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
   FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
   FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
   FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
   FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
   Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
   FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
   FAST RECOVER DIODE
60F60W JSMC-60F60W Datasheet
254Kb / 6P
   FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
   FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
   FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com