Part Name
         Description
LC868364A

 8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip ( 29 Page)


SANYO
100% 
Zoom Out Zoom In
 6 page
background image
LC868364A
No.6722-6/29
Pad Assignment
(Display duty: 1/16 duty)
- Chip size (X
× Y): 5.38mm × 4.84mm
- Thickness of chip :
480
µm
- Pad size
:
100
µm × 100µm
- Pad pitch
:
120
µm
SEG27
SEG28
SEG29
SEG30
SEG31
SEG32
SEG33
SEG34
SEG35
SEG36
SEG37
SEG38
SEG39
SEG40
SEG41
SEG42
SEG43
SEG44
SEG45
SEG46
SEG47
SEG48
COM16
COM15
COM14
COM13
COM12
COM11
COM10
COM9
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
VDD
CF2
CF1
VSS
XT2
XT1
RES
EROE
ADLC
P27
P26
P25
P24
P23
P22
P21
P20
P07
P06
P05
P04
P03
P02
P01
P00
P37
P36
P35
P34
P33
P32
P31
P30
VDD
1
135
130
125
120
115
110
105
103
40
45
50
55
60
65
70
35
30
25
20
15
10
5
2
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC8681168-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC876572A8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC876596B8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC877264A8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC86F1216A8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip  1 2 3 4 5 MoreSanyo Semicon Device
LC8680168-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC875164A8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC8772C8B8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip  1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl