Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G125 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74AHC1G125
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G125 Datasheet(HTML) 7 Page - Diodes Incorporated

  74AHC1G125_11 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 8Page - Diodes Incorporated 74AHC1G125_11 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74AHC1G125
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125
Document number: DS35176 Rev. 1 - 2
7 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Ordering Information
74 AHC1G 125 XX -7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
125 : 3-State Buffer
OE-Low
SE : SOT353
Logic Device
74 : Logic Prefix
AHC : 2 to
Family
1G : One gate
5.5V
Device
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Quantity
Part Number Suffix
74AHC1G125W5-7
W5
SOT25
3000/Tape & Reel
-7
74AHC1G125SE-7
SE
SOT353
3000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AHC1G125W5
SOT25
YY
74AHC1G125SE
SOT353
YY


Similar Part No. - 74AHC1G125_11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
logo
Texas Instruments
74AHC1G125DBVRE4 TI-74AHC1G125DBVRE4 Datasheet
453Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125DBVRE4 TI-74AHC1G125DBVRE4 Datasheet
484Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125DBVRE4 TI-74AHC1G125DBVRE4 Datasheet
488Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125DBVRE4 TI-74AHC1G125DBVRE4 Datasheet
587Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74AHC1G125_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com