Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866424B Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC866424B
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866424B Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC866424B Datasheet HTML 3Page - Sanyo Semicon Device LC866424B Datasheet HTML 4Page - Sanyo Semicon Device LC866424B Datasheet HTML 5Page - Sanyo Semicon Device LC866424B Datasheet HTML 6Page - Sanyo Semicon Device LC866424B Datasheet HTML 7Page - Sanyo Semicon Device LC866424B Datasheet HTML 8Page - Sanyo Semicon Device LC866424B Datasheet HTML 9Page - Sanyo Semicon Device LC866424B Datasheet HTML 10Page - Sanyo Semicon Device LC866424B Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
No.6699-7/21
Pin description
Pin name
I/O
Function description
Option
VSS1,2
-
Power pin (-) Short-circuit VSS1 to VSS2.
-
VDD1,2
-
Power pin (+) *1
Refer to Notes
-
VP
-
Power pin (+) for the VFD output pull-down resistor
-
PORT0
P00 to P07
I/O
•8-bit input/output port
•Input for port 0 interrupt
•Input/output in nibble units
•Input for HOLD release
•15V withstand at N-channel open drain output
•Pull-up resistor :
Provided/Not provided (each nibble)
•Output form :
CMOS/N-channel open drain (each bit)
PORT1
P10 to P17
I/O
•8-bit input/output port
•Input/output can be specified in a bit unit
•Other pin functions
P10 SIO0 data output
P11 SIO0 data input/bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input/bus input/output
P15 SIO1 clock input/output
P16 Buzzer output
P17 Timer 1 output (PWM0 output)
Output form :
CMOS/N-channel open drain (each bit)
PORT3
P30 to P33
I/O
•4-bit input/output port
•Input/output in bit unit
•15V withstand at N-channel open drain output
Output form :
CMOS/N-channel open drain (each bit)
•6-bit input port
•Other pin functions
P70 : INT0 input/HOLD release/N-channel Tr.
output for watchdog timer
P71 : INT1 input/HOLD release input
P72 : INT2 input/timer 0 event input
P73 : INT3 input with noise filter/timer 0 event input
P74 : 32.768kHz crystal oscillation terminal XT1
P75 : 32.768kHz crystal oscillation terminal XT2
•Interrupt received forms, the vector addresses
Pull-up resistor :
Provided/Not provided
(P70,71,72,73)
* P74 , P75 don’t have the pull-up
resistor option.
rising
falling
rising
&
falling
high
level
low
level
vector
INT0
enable
enable disable enable
enable
03H
INT1
enable
enable disable enable
enable
0BH
INT2
enable
enable
enable disable disable
13H
PORT7
P70
P71 to P75
I/O
I
INT3
enable
enable
enable disable disable
1BH
Continue.


Similar Part No. - LC866424B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866424 SANYO-LC866424 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866424 SANYO-LC866424 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866424A SANYO-LC866424A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866424A SANYO-LC866424A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC866424B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com