Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9910SP-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL9910SP-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910SP-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL9910SP-13 Datasheet HTML 3Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 4Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 5Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 6Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 7Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 8Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 9Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 10Page - Diodes Incorporated AL9910SP-13 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AL9910/AL9910A
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A
Document number: DS 35103 Rev. 2 - 2
7 of 14
www.diodes.com
March 2011
© Diodes Incorporated
Applications Information (Continued)
Setting Operating Frequency
The AL9910 is capable of operating over a 25 and 300 kHz switching frequency range. The switching frequency is
programmed by connecting an external resistor between ROSC pin and ground. The corresponding oscillator period is:
tOSC =
25
22
+
osc
R
µs
with ROSC in kΩ
The switching frequency is the reciprocal of the oscillator period. Typical values for ROSC vary from 75kΩ to 1MΩ
When driving smaller numbers of LEDs, care should be taken to ensure that tON > tBLANK. The simplest way to do this is to
reduce/limit the switching frequency by increasing the ROSC value. Reducing the switching frequency will also improve the
efficiency.
When operating in buck mode the designer must keep in mind that the input voltage must be maintained higher than 2 times
the forward voltage drop across the LEDs. This limitation is related to the output current instability that may develop when the
AL9910 operates at a duty cycle greater than 0.5. This instability reveals itself as an oscillation of the output current at a sub-
harmonic (SBO) of the switching frequency.
The best solution is to adopt the so-called constant off-time operation as shown in Figure 2. The resistor (ROSC) is, connected
to ground by default, to set operating frequency. To force the AL9910 to enter constant OFF time mode ROSC is connected to
the gate of the external MOSFET. This will decrease the duty cycle from 50% by increasing the total period, tOFF + tON.
AL9910/A GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
Q1
R
OSC
V
IN
AL9910/A GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
Q1
R
OSC
V
IN
Figure 2. Constant off-time configuration
The oscillator period equation above now defines the AL9910 off time, tOFF.
When using this mode the nominal switching frequency is chosen and from the nominal input and output voltages the off-time
can be calculated:
OSC
nom
IN
nom
OUT
OFF
f
V
V
t
1
1
)
(
)
(
=
From this the timing resistor, ROSC, can be calculated:
(
)
)
k
(
22
25
)
µs
(
t
R
OFF
OSC
Ω
=


Similar Part No. - AL9910SP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910SP-13 DIODES-AL9910SP-13 Datasheet
336Kb / 15P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910SP-13 DIODES-AL9910SP-13 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
More results

Similar Description - AL9910SP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910_1106 DIODES-AL9910_1106 Datasheet
336Kb / 15P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com