Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS5N50T Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS5N50T
Description  N-CHANNEL MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS5N50T Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS5N50T Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS5N50T Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
R
JCS5N50T
版本:201010C
4/12
电特性
ELECTRICAL CHARACTERISTICS
热特性
THERMAL CHARACTERISTIC
开关特性
Switching Characteristics
延迟时间
Turn-On delay time
td(on)
-
45
60
ns
上升时间
Turn-On rise time
tr
-
26
34
ns
延迟时间
Turn-Off delay time
td(off)
-
133 170
ns
下降时间
Turn-Off Fall time
tf
VDD=250V,ID=5A,RG=25Ω
note 4,5)
-
214 270
ns
栅极电荷总量
Total Gate Charge
Qg
-
15
20
nC
栅-源电荷
Gate-Source charge
Qgs
-
3.5
-
nC
栅-漏电荷
Gate-Drain charge
Qgd
VDS =400V ,
ID=5A
VGS =10V
note 4,5)
-
6
-
nC
漏-源二极管特性及最大额定值
Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
5
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
20
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=5A
-
-
1.4
V
反向恢复时间
Reverse recovery time
trr
-
268
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
VGS=0V, IS=5A
dIF/dt=100A/μs
(note 4)
-
2.1
-
μC
最大
Max
Parameter
Symbol
JCS5N50VT/RT JCS5N50CT JCS5N50FT
单 位
Unit
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
1.38
1.23
3.08
/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
110
62.5
62.5
/W
注释:
1:脉冲宽度由最高结温限制
2:L=22mH, IAS=5A, VDD=50V, RG=25 Ω,起始结温
TJ=25℃
3:ISD ≤5A,di/dt ≤200A/μs,VDD≤BVDSS,起始结温
TJ=25℃
4:脉冲测试:脉冲宽度≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction
temperature
2:L=22mH, IAS=5A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3:ISD ≤5A,di/dt ≤200A/μs,VDD≤BVDSS, Starting
TJ=25℃
4:Pulse Test:Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature


Similar Part No. - JCS5N50T

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS5N50C JSMC-JCS5N50C Datasheet
2Mb / 12P
   N-CHANNEL MOSFET
JCS5N50CC-O-C-N-B JSMC-JCS5N50CC-O-C-N-B Datasheet
2Mb / 12P
   N-CHANNEL MOSFET
JCS5N50FC-O-F-N-B JSMC-JCS5N50FC-O-F-N-B Datasheet
2Mb / 12P
   N-CHANNEL MOSFET
JCS5N50FTR JSMC-JCS5N50FTR Datasheet
1Mb / 9P
   N-CHANNEL MOSFET
JCS5N50FTR-O-F-N-B JSMC-JCS5N50FTR-O-F-N-B Datasheet
1Mb / 9P
   N-CHANNEL MOSFET
More results

Similar Description - JCS5N50T

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com