Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCS10N60BT Datasheet(PDF) 8 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N60BT
Description  N-CHANNEL MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N60BT Datasheet(HTML) 8 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS10N60BT Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N60BT Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
R
JCS
10N60BT
版本:201012A
8/9
外形尺寸 PACKAGE MECHANICAL DATA
TO-262
单位 Unit:mm


Similar Part No. - JCS10N60BT

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS10N60C JSMC-JCS10N60C Datasheet
730Kb / 10P
   LED power supplies
JCS10N60CT-O-C-N-B JSMC-JCS10N60CT-O-C-N-B Datasheet
1Mb / 10P
   N-CHANNEL MOSFET
JCS10N60FC-O-F-N-B JSMC-JCS10N60FC-O-F-N-B Datasheet
730Kb / 10P
   LED power supplies
JCS10N60FC-O-F2-N-B JSMC-JCS10N60FC-O-F2-N-B Datasheet
730Kb / 10P
   LED power supplies
JCS10N60FT-O-F-N-B JSMC-JCS10N60FT-O-F-N-B Datasheet
1Mb / 10P
   N-CHANNEL MOSFET
More results

Similar Description - JCS10N60BT

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com